Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPB0218N Datasheet (PDF) - Qorvo, Inc

QPB0218N Datasheet PDF - Qorvo, Inc
Part # QPB0218N
Download  QPB0218N Download
File Size   891.23 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 18 GHz Wideband GaN Amplifier

QPB0218N Datasheet (PDF)

Go To PDF Page Download Datasheet
QPB0218N Datasheet PDF - Qorvo, Inc

Part # QPB0218N
Download  QPB0218N Click to download

File Size   891.23 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 2 – 18 GHz Wideband GaN Amplifier

QPB0218N Datasheet (HTML) - Qorvo, Inc


QPB0218N Product details

Product Features
• Frequency Range: 2 – 18 GHz
• Saturated Output Power: 51.8 dBm (PIN = 39 dBm)
• Large Signal Gain: 12.8 dB (PIN = 39 dBm)
• Solid State MMIC Reliability
• Multi-Element Redundancy
• Instant On (no warm-up)
• Integrated Bias Card

Applications
• TWTA Replacement




Similar Part No. - QPB0218N

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0218 QORVO-QPB0218 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
More results


Similar Description - QPB0218N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMM2080 FAIRCHILD-RMM2080 Datasheet
201Kb / 5P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
List of Unclassifed Man...
RMM2080 ETC-RMM2080 Datasheet
479Kb / 4P
2-18 GHz Wideband Variable-Gain Driver Amplifier
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
2 to 18 GHz 5W GaN Power Amplifier
TGA8399C TRIQUINT-TGA8399C_15 Datasheet
337Kb / 7P
8 - 18 GHz Wideband Driver Amplifier
logo
Custom MMIC Design Serv...
CMD216 MMIC-CMD216 Datasheet
194Kb / 8P
14-18 GHz GaN Power Amplifier
logo
Qorvo, Inc
QPB0220 QORVO-QPB0220 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
QPB0218 QORVO-QPB0218 Datasheet
614Kb / 11P
2 ??18 GHz Wideband GaN SSPA
CMD216 QORVO-CMD216 Datasheet
116Kb / 8P
14-18 GHz GaN Power Amplifier
QPB0220J QORVO-QPB0220J Datasheet
525Kb / 17P
2 – 18 GHz GaN Driver Amplifier
April 2022
QPB0220N QORVO-QPB0220N Datasheet
763Kb / 11P
2 - 18 GHz Wideband GaN Amplifier
Rev. C, April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com