Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA19988 Datasheet (PDF) - NXP Semiconductors

TDA19988 Datasheet PDF - NXP Semiconductors
Part # TDA19988
Download  TDA19988 Download
File Size   1004.17 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8-bit video inputs, HDCP and CEC support

TDA19988 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA19988 Datasheet PDF - NXP Semiconductors

Part # TDA19988
Download  TDA19988 Click to download

File Size   1004.17 Kbytes
Page   54 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8-bit video inputs, HDCP and CEC support

TDA19988 Datasheet (HTML) - NXP Semiconductors


TDA19988 Product details

General description
TDA19988 is a very low power and very small size High-Definition Multimedia Interface
(HDMI) 1.4a transmitter. It is backward compatible DVI 1.0 and can be connected to any
DVI 1.0 or HDMI sink.
This device is primarily intended for mobile applications like Digital Video Camera (DVC),
Digital Still Camera (DSC), Portable Multimedia Player (PMP), Mobile Phone and
Ultra-Mobile Personal Computer (UM PC), new PC tablet and MID where size and power
are key for battery autonomy.
This device is also targeting STB HDMI output applications. This part replaces previous
TDA9981 Transmitters with increased features and better performances.
It allows mixing 3  8-bit RGB or YCbCr video stream at pixel rate up to 165 MHz together
with S/PDIF or I2S-bus audio streams at audio sampling rate up to 192 kHz.
In order to be compatible with most applications, TDA19988 integrates a full
programmable input formatter and color space conversion block. The video input formats
accepted are YCbCr 4 : 4 : 4 (up to 3  8-bit), YCbCr 4 : 2 : 2 semi-planar (up to
2  12-bit) and YCbCr 4 : 2 : 2 compliant with ITU656 (up to 1  12-bit). In case of
ITU656-like format, the input pixel clock can be made active on one (SDR mode) or both
edges (DDR mode).
TDA19988AHN and TDA19988AET only include a HDCP 1.4 compliant cipher block. The
HDCP keys are stored internally in a non-volatile OTP memory for maximum security.
This device provides additional embedded features like CEC (Consumer Electronic
Control). CEC is a single bidirectional bus that transmits CEC commands (like Standby
from remote control) over the home appliance network connected through this bus. This
eliminates the need of any additional device to handle this feature thus improving BOM
(Bill Of Materials) of the whole system and enabling the connected devices (CEC
enabled) to be controlled by only one remote control.
TDA19988 supports xvYCC HDMI 1.4a feature.
It can be switched to very low power Standby or Sleep modes to save power when HDMI
is not used.
TDA19988 embeds I2C-bus master interface for DDC-bus communication to read EDID
and to manage HDCP (TDA19988AHN and TDA19988AET only).
This device can be controlled or configured via I2C-bus interface.

Features and benefits
 Compliance:
 DVI 1.0
 HDMI 1.4a
 EIA/CEA-861B
 CEC (HDMI 1.4a)
 HDCP 1.4 (TDA19988AHN and TDA19988AET only)
 Video:
 xvYCC HDMI 1.4a feature
 Video formats with a pixel rate up to 165 MHz:
RGB 4 : 4 : 4
YCbCr 4 : 4 : 4
YCbCr 4 : 2 : 2 semi-planar
YCbCr 4 : 2 : 2 ITU656
 3D:
Frame Packing: 720p at 50/60 Hz, 1080i at 50/60 Hz, 1080p at 24/30 Hz
Side-by-Side (Half): 720p at 50/60 Hz, 1080i at 50/60 Hz, 1080p at 50/60 Hz
Top-and-Bottom: 720p at 50/60 Hz, 1080i at 50/60 Hz, 1080p at 50/60 Hz
 Maximum resolution:
1080p at 50/60 Hz for TV
1600  1200 at 60 Hz for PC (UXGA60)
720p/1080i at 50/60 Hz in ITU656
 Programmable color space converter:
RGB to YCbCr
YCbCr to RGB
 Programmable input formatter and upsampler/interpolator allow input of any of the
4 : 4 : 4, 4 : 2 : 2 semi-planar, 4 : 2 : 2 ITU656-like formats
 Horizontal synchronization, vertical synchronization and Data Enable (DE) inputs
or VREF, HREF and FREF could be used for input data synchronization
 In ITU656, pixel clock input can be single or dual edges (selectable by I2C-bus)
 Repetition of video samples as required by HDMI specification
 Audio:
 4  I2S-bus or one S/PDIF; audio data rate up to 192 kHz (depending on video
format and on package)
Deals with multiple levels of HDCP (TDA19988AHN and TDA19988AET only)
receivers and repeaters
Internal SHA-1 calculation
System operation:
 Master DDC-bus interface for EDID read
 Controllable via I2C-bus
 Hot Plug Detect (HPD) and receiver detection (RxSense)
High performance power management:
 Standby mode: 18 W typical
 Operation mode: 55 mW 720p 24 Hz
Package:
 TFBGA64, size 4.5 mm  4.5 mm  0.95 mm
 HVQFN64, size 9 mm  9 mm  0.85 mm
Power management:
 External voltage supplies 1.8 V
 Low power
 Flexible power modes
Miscellaneous:
 POR (Power-On Reset)
 Audio and video inputs LV-CMOS 1.8 V compatible and LV-CMOS 3.3 V tolerant
 250 MHz to 1.5 GHz TMDS transmitter operation

Applications
 Digital Video Camera (DVC)
 AVR and HDMI splitter
 Digital Still Camera (DSC)
 MID/tablet
 Portable Multimedia Player (PMP)
 Media box
 Ultra-Mobile Personal Computer (UM PC)
 Mobile Phone
 YCbCr or RGB high-speed video digitizer
 Home theater amplifier
 Blu-ray disc player
 STB




Similar Part No. - TDA19988

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
More results


Similar Description - TDA19988

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7682 AD-ADV7682 Datasheet
73Kb / 2P
APIX2 Transmitter with Dual Port HDMI and HDCP Support
Rev. Sp0
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
Analog Devices
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
APIX2 Transmitter with HDMI and HDCP Support
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com