Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7680 Datasheet (PDF) - Analog Devices

ADV7680 Datasheet PDF - Analog Devices
Part # ADV7680
Download  ADV7680 Download
File Size   77.45 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description APIX2 Transmitter with HDMI and HDCP Support

ADV7680 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7680 Datasheet PDF - Analog Devices

Part # ADV7680
Download  ADV7680 Click to download

File Size   77.45 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description APIX2 Transmitter with HDMI and HDCP Support

ADV7680 Datasheet (HTML) - Analog Devices


ADV7680 Product details

FEATURES
APIX®2 transmitter with HDCP
    High-bandwidth Digital Content Protection (HDCP) 1.4 support with internal preprogrammed HDCP keys
        Dual-channel encryption engine supports simple daisy chain implementation for remote displays
        Independent encryption of video and audio
        Up to 3000 Mbps sustained downstream link bandwidth
        Up to 187.5 Mbps upstream link bandwidth
        Media independent interface (MII), serial port interface (SPI), I2C, GPI and GPO interfaces for sideband communication
    High-Definition Multimedia Interface (HDMI®) receiver
        Supports all HDMI video resolutions up to the maximum APIX® video link bandwidth of 2.57 Gbps
        All mandatory and additional 3D video formats supported
        HDCP 1.4 decryption support
        Hardware controller for automated HDCP repeater functions across APIX and HDMI HDCP blocks
        HDCP repeater support, up to 24 KSVs supported
        Integrated CEC controller, CEC 1.4 compatible
        Adaptive TMDS equalizer
        5 V detect and Hot Plug™ assert
    ITU-R BT.656 support
        8-bit ITU-R BT.656 interface with embedded timing
        720p supported at 148.5 MHz clock rate
    Audio support
        HDMI audio extraction support
        Advanced audio muting feature
        Supports time division multiplexed (TDM) I2S audio I/O
        On-chip SRC for synchronization to external master clocks
    General
        Dual interrupt controller with APIX link status reporting Internal EDID RAM
        Any-to-any 3 × 3 color space conversion (CSC) matrix
        64-lead LFCSP, 9 mm × 9 mm package
    Qualified for automotive applications

APPLICATIONS
    Automotive infotainment
    Infotainment head units
    Rear seat entertainment systems
    Automotive media port applications
    HDMI repeaters and video switches




Similar Part No. - ADV7680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
60Kb / 2P
APIX2 Transmitter with HDMI and HDCP Support
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
APIX2 Transmitter with HDMI and HDCP Support
More results


Similar Description - ADV7680

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
HDMI Transmitter
logo
NXP Semiconductors
TDA19989 NXP-TDA19989 Datasheet
349Kb / 47P
150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Rev. 01-15 February 2010
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
ADV7682 AD-ADV7682 Datasheet
73Kb / 2P
APIX2 Transmitter with Dual Port HDMI and HDCP Support
Rev. Sp0
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
logo
Analog Devices
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
APIX2 Transmitter with HDMI and HDCP Support
ADV7682 AD-ADV7682_16 Datasheet
60Kb / 2P
APIX2 Transmitter with Dual Port HDMI and HDCP Support
ADV7782 AD-ADV7782 Datasheet
87Kb / 2P
APIX2 Receiver with LVDS, HDCP, and MIPI Support
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com