Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD95492QVM Datasheet (PDF) - Texas Instruments

CSD95492QVM Datasheet PDF - Texas Instruments
Part # CSD95492QVM
Download  CSD95492QVM Download
File Size   341.75 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD95492QVM Synchronous Buck NexFET™ Smart Power Stage

CSD95492QVM Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD95492QVM Datasheet PDF - Texas Instruments

Part # CSD95492QVM
Download  CSD95492QVM Click to download

File Size   341.75 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD95492QVM Synchronous Buck NexFET™ Smart Power Stage

CSD95492QVM Datasheet (HTML) - Texas Instruments


CSD95492QVM Product details

1 Features
1• 20-A Continuous Operating Current Capability
• Over 94% System Efficiency at 12 A
• High-Frequency Operation (up to 1.25 MHz)
• Diode Emulation Function
• Temperature Compensated Bi-Directional Current
Sense
• Analog Temperature Output
• Fault Monitoring
• 3.3-V and 5-V PWM Signal Compatible
• Tri-State PWM Input
• Integrated Bootstrap Switch
• Optimized Dead Time for Shoot-Through
Protection
• High-Density VSON 4-mm × 5-mm Footprint
• Ultra-Low-Inductance Package
• System Optimized PCB Footprint
• RoHS Compliant – Lead-Free Terminal Plating
• Halogen Free

2 Applications
• Multiphase Synchronous Buck Converters
– High-Frequency Applications
– High-Current, Low-Duty Cycle Applications
• POL DC-DC Converters
• Memory and Graphic Cards
• Desktop and Server VR12.x / VR13.x VRM
Synchronous Buck Converters

3 Description
The CSD95492QVM NexFET™ power stage is a
highly optimized design for use in a high-power, highdensity
synchronous buck converter. This product
integrates the driver IC and power MOSFETs to
complete the power stage switching function. This
combination produces high-current, high-efficiency,
and high-speed switching capability in a small 4-mm
× 5-mm outline package. It also integrates the
accurate current sensing and temperature sensing
functionality to simplify system design and improve
accuracy. In addition, the PCB footprint has been
optimized to help reduce design time and simplify the
completion of the overall system design.




Similar Part No. - CSD95492QVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVMT TI1-CSD95492QVMT Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
More results


Similar Description - CSD95492QVM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95420RCB TI-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95411 TI-CSD95411 Datasheet
1,019Kb / 15P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com