Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD96497Q5MC Datasheet (PDF) - Texas Instruments

CSD96497Q5MC Datasheet PDF - Texas Instruments
Part # CSD96497Q5MC
Download  CSD96497Q5MC Download
File Size   312.53 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD96497Q5MC Synchronous buck NexFET™ smart power stage

CSD96497Q5MC Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD96497Q5MC Datasheet PDF - Texas Instruments

Part # CSD96497Q5MC
Download  CSD96497Q5MC Click to download

File Size   312.53 Kbytes
Page   10 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD96497Q5MC Synchronous buck NexFET™ smart power stage

CSD96497Q5MC Datasheet (HTML) - Texas Instruments


CSD96497Q5MC Product details

1 Features
1• 65-A continuous operating current capability
• Over 93.5% system efficiency at 30 A
• High-frequency operation (up to 1.25 MHz)
• Diode emulation mode with FCCM
• Temperature compensated bi-directional current
sense
• Analog temperature output
• Fault monitoring - OTP, HS OCP, and short circuit
protection
• 3.3-V and 5-V PWM signal compatible
• Tri-state PWM input
• Integrated bootstrap switch
• Optimized dead time for shoot-through protection
• High-density QFN 5-mm × 6-mm Footprint
• Ultra-low-inductance package
• System optimized PCB footprint
• DualCool™ packaging
• RoHS compliant, lead-free terminal plating
• Halogen free

2 Applications
• Multiphase synchronous buck converters
– High-frequency applications
– High-current, low-duty cycle applications
• POL DC-DC converters
• Memory and graphic cards
• Desktop and server VR12.x and VR13.x V-core
synchronous buck converters
• High-current POL for network communications

3 Description
The CSD96497 NexFET™ power stage is a highly
optimized design for use in a high-power, highdensity
synchronous buck converter. This product
integrates the driver IC and power MOSFETs to
complete the power stage switching function. This
combination produces high-current, high-efficiency,
and high-speed switching capability in a small 5-mm
× 6-mm outline package. It also integrates accurate
current sensing and temperature sensing functionality
to simplify system design and improve accuracy. In
addition, the PCB footprint has been optimized to
help reduce design time and simplify the completion
of the overall system design.




Similar Part No. - CSD96497Q5MC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD96497Q5MCT TI1-CSD96497Q5MCT Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
More results


Similar Description - CSD96497Q5MC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD95481RWJ TI1-CSD95481RWJ Datasheet
809Kb / 15P
Synchronous Buck NexFET Smart Power Stage
CSD95492QVM TI1-CSD95492QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD95495QVM TI1-CSD95495QVM Datasheet
774Kb / 14P
Synchronous Buck NexFET Smart Power Stage
CSD96497Q5MC TI1-CSD96497Q5MC Datasheet
249Kb / 11P
Synchronous buck NexFET smart power stage
CSD95410RRB TI-CSD95410RRB Datasheet
829Kb / 14P
CSD95410RRB Synchronous Buck NexFET™ Smart Power Stage
SEPTEMBER 2020
CSD95420RCB TI-CSD95420RCB Datasheet
1Mb / 15P
CSD95420RCB Synchronous Buck NexFET™ Smart Power Stage
NOVEMBER 2020
CSD95411 TI-CSD95411 Datasheet
1,019Kb / 15P
CSD95411 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96415 TI-CSD96415 Datasheet
805Kb / 11P
CSD96415RWJ Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD95430RRB TI1-CSD95430RRB Datasheet
1,000Kb / 12P
CSD95430RRB Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
CSD96416 TI1-CSD96416 Datasheet
802Kb / 11P
CSD96416 Synchronous Buck NexFET™ Smart Power Stage
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com