Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP10200H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP10200H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP10200H
Download  TSUP10200H Download
File Size   476.12 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 200V Trench Schottky Surface Mount Rectifier

TSUP10200H Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP10200H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP10200H
Download  TSUP10200H Click to download

File Size   476.12 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 200V Trench Schottky Surface Mount Rectifier

TSUP10200H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP10200H Product details

FEATURES
AEC-Q101 qualified
Excellent high temperature stability
Low forward voltage
Lower power loss/ high efficiency
High forward surge capability
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free
APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converter




Similar Part No. - TSUP10200H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP10102 TSC-TSUP10102 Datasheet
225Kb / 6P
10A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10150H TSC-TSUP10150H Datasheet
477Kb / 6P
10A, 150V Trench Schottky Surface Mount Rectifier
Version: A2505
TSUP10H100H TSC-TSUP10H100H Datasheet
228Kb / 6P
10A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10H120H TSC-TSUP10H120H Datasheet
228Kb / 6P
10A, 120V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10M45SH TSC-TSUP10M45SH Datasheet
432Kb / 5P
10A, 45V Trench Schottky Rectifier
More results


Similar Description - TSUP10200H

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP10H100S CITC-CP10H100S Datasheet
473Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10L45S CITC-CP10L45S Datasheet
466Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S45SG CITC-CP10S45SG Datasheet
101Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S120S CITC-CP10S120S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10U45SG CITC-CP10U45SG Datasheet
99Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP1045S CITC-CP1045S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
10A, 100V - 200V Trench Schottky Rectifier
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
10A, 200V Trench Schottky Rectifier
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
10A, 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com