Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP10200H Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSUP10200H
Description  10A, 200V Trench Schottky Surface Mount Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSUP10200H Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSUP10200H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSUP10200H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSUP10200H Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSUP10200H Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSUP10200H Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSUP10200H Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSUP10200H
Taiwan Semiconductor
1
Version: A2505
10A, 200V Trench Schottky Surface Mount Rectifier
FEATURES
● AEC-Q101 qualified
● Excellent high temperature stability
● Low forward voltage
● Lower power loss/ high efficiency
● High forward surge capability
● Ideal for automated placement
● Moisture sensitivity level: level 1, per J-STD-020
● RoHS Compliant
● Halogen-free
APPLICATIONS
● Switching mode power supply (SMPS)
● Adapters
● DC to DC converter
MECHANICAL DATA
● Case: TO-277A (SMPC4.6U)
● Molding compound meets UL 94V-0 flammability rating
● Terminal: Matte tin plated leads, solderable per J-STD-002
● Meet JESD 201 class 2 whisker test
● Polarity: Indicated by cathode band
● Weight: 0.11g (approximately)
KEY PARAMETERS
PARAMETER
VALUE
UNIT
IF
10
A
VRRM
200
V
IFSM
200
A
TJ MAX
150
°C
Package
TO-277A (SMPC4.6U)
Configuration
Single die
TO-277A (SMPC4.6U)
ABSOLUTE MAXIMUM RATINGS (T
A
= 25°C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive peak reverse voltage
VRRM
200
V
Reverse voltage, total rms value
VR(RMS)
140
V
Forward current
IF
10
A
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
IFSM
200
A
Junction temperature
TJ
- 55 to +150
°C
Storage temperature
TSTG
- 55 to +150
°C


Similar Part No. - TSUP10200H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP10102 TSC-TSUP10102 Datasheet
225Kb / 6P
10A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10150H TSC-TSUP10150H Datasheet
477Kb / 6P
10A, 150V Trench Schottky Surface Mount Rectifier
Version: A2505
TSUP10H100H TSC-TSUP10H100H Datasheet
228Kb / 6P
10A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10H120H TSC-TSUP10H120H Datasheet
228Kb / 6P
10A, 120V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10M45SH TSC-TSUP10M45SH Datasheet
432Kb / 5P
10A, 45V Trench Schottky Rectifier
More results

Similar Description - TSUP10200H

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP10H100S CITC-CP10H100S Datasheet
473Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10L45S CITC-CP10L45S Datasheet
466Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S45SG CITC-CP10S45SG Datasheet
101Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10S120S CITC-CP10S120S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP10U45SG CITC-CP10U45SG Datasheet
99Kb / 3P
10A Surface Mount Trench Schottky Rectifier
CP1045S CITC-CP1045S Datasheet
464Kb / 3P
10A Surface Mount Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
10A, 100V - 200V Trench Schottky Rectifier
TSI10L200CW TSC-TSI10L200CW Datasheet
202Kb / 4P
10A, 200V Trench Schottky Rectifier
TSD10L200CW TSC-TSD10L200CW Datasheet
215Kb / 4P
10A, 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
10A, 100V - 200V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com