Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSUP3150H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSUP3150H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSUP3150H
Download  TSUP3150H Download
File Size   475.55 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 150V Trench Schottky Surface Mount Rectifier

TSUP3150H Datasheet (PDF)

Go To PDF Page Download Datasheet
TSUP3150H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSUP3150H
Download  TSUP3150H Click to download

File Size   475.55 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 3A, 150V Trench Schottky Surface Mount Rectifier

TSUP3150H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TSUP3150H Product details

FEATURES
AEC-Q101 qualified
Excellent high temperature stability
Low forward voltage
Lower power loss/ high efficiency
High forward surge capability
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Switching mode power supply (SMPS)
Adapters
DC to DC converter




Similar Part No. - TSUP3150H

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSUP10102 TSC-TSUP10102 Datasheet
225Kb / 6P
10A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10150H TSC-TSUP10150H Datasheet
477Kb / 6P
10A, 150V Trench Schottky Surface Mount Rectifier
Version: A2505
TSUP10200H TSC-TSUP10200H Datasheet
476Kb / 6P
10A, 200V Trench Schottky Surface Mount Rectifier
Version: A2505
TSUP10H100H TSC-TSUP10H100H Datasheet
228Kb / 6P
10A, 100V Trench Schottky Surface Mount Rectifier
Version: A2403
TSUP10H120H TSC-TSUP10H120H Datasheet
228Kb / 6P
10A, 120V Trench Schottky Surface Mount Rectifier
Version: A2403
More results


Similar Description - TSUP3150H

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
C34AG CITC-C34AG Datasheet
504Kb / 4P
3A Trench Schottky Rectifier
CL36AG CITC-CL36AG Datasheet
515Kb / 4P
3A Surface Mount Trench Schottky Rectifier
CP3S100S CITC-CP3S100S Datasheet
472Kb / 3P
3A Surface Mount Trench Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSP3H150S TSC-TSP3H150S Datasheet
289Kb / 5P
3A, 150V Trench Schottky Rectifiers
logo
PFC Device Inc.
P3L150A PFC-P3L150A Datasheet
693Kb / 5P
3A 150V MOS Schottky Rectifier
P3L150F-A PFC-P3L150F-A Datasheet
670Kb / 5P
3A 150V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSSE3U45H TSC-TSSE3U45H Datasheet
447Kb / 5P
3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U60H TSC-TSSA3U60H Datasheet
374Kb / 5P
3A, 60V Trench Schottky Surface Mount Rectifier
TSSA3U45H TSC-TSSA3U45H Datasheet
362Kb / 5P
3A, 45V Trench Schottky Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com