Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71610M Datasheet (PDF) - Renesas Technology Corp

ISL71610M Datasheet PDF - Renesas Technology Corp
Part # ISL71610M
Download  ISL71610M Download
File Size   821.97 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Passive-Input Digital Isolator

ISL71610M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71610M Datasheet PDF - Renesas Technology Corp

Part # ISL71610M
Download  ISL71610M Click to download

File Size   821.97 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Passive-Input Digital Isolator

ISL71610M Datasheet (HTML) - Renesas Technology Corp


ISL71610M Product details

Features
▪ Qualified to Renesas Rad Tolerant Screening and
QCI Flow (R34TB0004EU)
▪ Barrier Voltage Endurance
• 2.5kVRMS, for 1 minute, 600Vrms continuous
(VDE V 0884-10 certified:
file 5022321-4880-0001),
• 1.5kVDC continuous
• 500VDC at 43MeV•cm2/mg SEDR
▪ UL 1577 recognized: file reference E483309
▪ Up to 100 Mbps data rate
▪ Flexible inputs with very wide input voltage range
(resistor limited current through coil)
▪ Bipolar current input failsafe output
▪ No carrier or clock for low EMI emissions and
susceptibility
▪ 3V to 5.5V signaling operation
▪ Passes NASA low outgassing specifications
▪ NiPdAu-Ag leadframes (Pb-free, Sn-free)
▪ Full military temperature range operation
• TA = -55°C to +125°C
• TJ = -55°C to +150°C
▪ TID Radiation Lot Acceptance Testing (RLAT)
(LDR: <0.01rad(Si)/s)
• ISL71610M30BZ: 30krad(Si)
• ISL71610M50BZ: 50krad(Si)
▪ SEE Characterization
• No DSEE for VDD = 7V at 43MeV•cm2/mg




Similar Part No. - ISL71610M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610MBZ RENESAS-ISL71610MBZ Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610MBZ-T RENESAS-ISL71610MBZ-T Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610MBZ-T7A RENESAS-ISL71610MBZ-T7A Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
More results


Similar Description - ISL71610M

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66311 MICROPAC-66311 Datasheet
134Kb / 2P
7.5 kv HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66312 MICROPAC-66312 Datasheet
133Kb / 2P
15 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66313 MICROPAC-66313 Datasheet
133Kb / 2P
25 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
66314 MICROPAC-66314 Datasheet
82Kb / 2P
35 kV HIGH VOLTAGE, RADIATION TOLERANT ISOLATOR
logo
Texas Instruments
ISOS141-SEP TI-ISOS141-SEP Datasheet
1Mb / 40P
ISOS141-SEP Radiation Tolerant High-Speed Quad-Channel Digital Isolator
logo
Pepperl+Fuchs Inc.
S1SL-1AI-1C PF-S1SL-1AI-1C Datasheet
760Kb / 3P
Passive Isolator
2022-01-10
logo
Renesas Technology Corp
ISL71610M RENESAS-ISL71610M Datasheet
889Kb / 27P
Radiation Tolerant Passive-Input Digital Isolator
Nov 11, 2022
ISL71610SLHM RENESAS-ISL71610SLHM Datasheet
489Kb / 18P
Radiation Hardened Passive-Input Digital Isolator
Nov 11, 2022
ISL71710M RENESAS-ISL71710M Datasheet
2Mb / 26P
Radiation Tolerant Active-Input High Speed Digital Isolator
Mar 11, 2021
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com