Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL72027CSEH Datasheet (PDF) - Renesas Technology Corp

ISL72027CSEH Datasheet PDF - Renesas Technology Corp
Part # ISL72027CSEH
Download  ISL72027CSEH Download
File Size   1714.54 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V Radiation Hardened CAN Transceiver with Listen Mode and Split Termination Output

ISL72027CSEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL72027CSEH Datasheet PDF - Renesas Technology Corp

Part # ISL72027CSEH
Download  ISL72027CSEH Click to download

File Size   1714.54 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V Radiation Hardened CAN Transceiver with Listen Mode and Split Termination Output

ISL72027CSEH Datasheet (HTML) - Renesas Technology Corp


ISL72027CSEH Product details

Features
▪ Electrically screened to SMD 5962-15228
▪ ESD protection on all pins: 4kV HBM
▪ Compatible with ISO11898-2
▪ Operating supply range: 3.0V to 3.6V
▪ Bus pin fault protection to ±20V
▪ Undervoltage lockout
▪ Cold spare: powered down devices/nodes do not
affect active devices operating in parallel
▪ Three selectable driver rise and fall times
• Fast speed (RS = 0V) - edges and propagation
delays optimized for data rate of 1Mbps
• Medium speed (RS = 10kΩ) - edges and
propagation delays optimized for data rate of
500kbps
• Slow speed (RS = 50kΩ) - edges and
propagation delays optimized for data rate of
250kbps
▪ Glitch free bus I/O during power-up and powerdown
▪ Full fail-safe (open, short, terminated/undriven)
receiver
▪ Hi-Z input allows for 120 nodes on the bus
▪ High data rates: up to 5Mbps
▪ Quiescent supply current: 7mA (maximum)
▪ Listen mode supply current: 2mA (maximum)
▪ -7V to +12V common-mode input voltage range
▪ 5V tolerant logic inputs
▪ Thermal shutdown
▪ Acceptance tested to 75krad(Si) (LDR) and to
100krad(Si) (HDR) wafer-by-wafer
▪ Radiation hardened
• SEL/B immune to LETTH: 86.4MeV•cm2/mg
• Low dose rate (0.01rad(Si)/s): 75krad(Si)
• High does rate (50-300rad(Si)/s): 100krad(Si)




Similar Part No. - ISL72027CSEH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL72027ASEH RENESAS-ISL72027ASEH Datasheet
993Kb / 27P
3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
Jul 27, 2017
ISL72027ASEHEVAL1Z RENESAS-ISL72027ASEHEVAL1Z Datasheet
993Kb / 27P
3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
Jul 27, 2017
ISL72027ASEHF RENESAS-ISL72027ASEHF Datasheet
993Kb / 27P
3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
Jul 27, 2017
ISL72027ASEHVF RENESAS-ISL72027ASEHVF Datasheet
993Kb / 27P
3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
Jul 27, 2017
ISL72027ASEHVX RENESAS-ISL72027ASEHVX Datasheet
993Kb / 27P
3.3V Radiation Tolerant CAN Transceivers with Listen Mode and Split Termination Output
Jul 27, 2017
More results


Similar Description - ISL72027CSEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL72026SEH INTERSIL-ISL72026SEH Datasheet
847Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Loopback
November 9, 2015
ISL72027SEH INTERSIL-ISL72027SEH Datasheet
863Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Listen Mode, Split Termination Output
November 9, 2015
ISL72028SEH INTERSIL-ISL72028SEH Datasheet
846Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, 1Mbps, Low Power Shutdown, Split Termination Output
November 9, 2015
logo
Renesas Technology Corp
ISL71026M RENESAS-ISL71026M Datasheet
956Kb / 32P
3.3V CAN Transceiver, 1Mbps, Listen Mode, Loopback
March 26, 2018
ISL72026BSEH RENESAS-ISL72026BSEH Datasheet
898Kb / 20P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
Jan 10, 2020
ISL72026SEH RENESAS-ISL72026SEH Datasheet
992Kb / 18P
3.3V Radiation Tolerant CAN Transceiver with Listen Mode and Loopback
August 16, 2016
ISL72027BSEH RENESAS-ISL72027BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
November 30, 2016
ISL72027SEH RENESAS-ISL72027SEH Datasheet
990Kb / 19P
3.3V Radiation Tolerant CAN Transceiver, with Listen Mode and Split Termination Output
August 16, 2016
ISL72028BSEH RENESAS-ISL72028BSEH Datasheet
1Mb / 20P
3.3V Radiation Tolerant CAN Transceiver, with Low-Power Shutdown, Split Termination Output
November 30, 2016
ISL72028SEH RENESAS-ISL72028SEH Datasheet
979Kb / 18P
3.3V Radiation Tolerant CAN Transceiver, with Low Power Shutdown, Split Termination Output
August 16, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com