Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC1005 Datasheet (PDF) - Qorvo, Inc

QPC1005 Datasheet PDF - Qorvo, Inc
Part # QPC1005
Download  QPC1005 Download
File Size   723.39 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 0.15 – 2.8 GHz 50 W GaN SPDT Switch

QPC1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC1005 Datasheet PDF - Qorvo, Inc

Part # QPC1005
Download  QPC1005 Click to download

File Size   723.39 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 0.15 – 2.8 GHz 50 W GaN SPDT Switch

QPC1005 Datasheet (HTML) - Qorvo, Inc


QPC1005 Product details

Product Overview
Qorvo’s QPC1005 is a Single-Pole, Double–Throw
(SPDT) switch fabricated on Qorvo’s QGaN25 0.25um
GaN on SiC production process.
Operating from 0.15 to 2.8 GHz, the QPC1005 typically
supports 50 W input power handling at control voltages of
0/−40 V for both CW and pulsed RF operations. This
switch maintains low insertion loss less than 0.7 dB and
greater than 30 dB isolation, making it ideal for high power
switching applications across both defense and
commercial platforms.
QPC1005 is offered in a 4 x 4 mm plastic overmolded QFN
package.

Key Features
• SPDT
• Frequency Range: 0.15 to 2.8 GHz
• Input Power: 50 W
• Insertion Loss: < 0.7 dB
• Isolation: >30 dB Typical
• Switching Speed: 30 ns
• Control Voltages: 0 V/−40 V
• Redundant Control Lines
• Package Dimensions: 4 x 4 x 0.85 mm

Applications
• Commercial and Military Radar
• Land Mobile Radios
• Military Communications Radios
• Electronic Warfare
• Test Instrumentation
• General Purpose




Similar Part No. - QPC1005

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC1005 TRIQUINT-QPC1005 Datasheet
867Kb / 16P
0.15 ??2.8 GHz High Power GaN SPDT Switch
More results


Similar Description - QPC1005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0029 MACOM-MASWSS0029 Datasheet
119Kb / 3P
GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0029 MA-COM-MASWSS0029 Datasheet
77Kb / 3P
GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev 1.0
logo
TriQuint Semiconductor
QPC1005 TRIQUINT-QPC1005 Datasheet
867Kb / 16P
0.15 ??2.8 GHz High Power GaN SPDT Switch
QPC1006 TRIQUINT-QPC1006 Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
Qorvo, Inc
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
2.8 ??3.5 GHz 60 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
8 ??11 GHz 50 W GaN Power Amplifier
QPA1000 QORVO-QPA1000 Datasheet
1,017Kb / 14P
2.8 ??3.2 GHz 50 Watt GaN Amplifier
April 2021
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com