Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC1005 Datasheet (PDF) - TriQuint Semiconductor

QPC1005 Datasheet PDF - TriQuint Semiconductor
Part # QPC1005
Download  QPC1005 Download
File Size   867.16 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 0.15 ??2.8 GHz High Power GaN SPDT Switch

QPC1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC1005 Datasheet PDF - TriQuint Semiconductor

Part # QPC1005
Download  QPC1005 Click to download

File Size   867.16 Kbytes
Page   16 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 0.15 ??2.8 GHz High Power GaN SPDT Switch

QPC1005 Datasheet (HTML) - TriQuint Semiconductor




Similar Part No. - QPC1005

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC1005 QORVO-QPC1005 Datasheet
723Kb / 15P
0.15 – 2.8 GHz 50 W GaN SPDT Switch
July 15, 2019
More results


Similar Description - QPC1005

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0029 MACOM-MASWSS0029 Datasheet
119Kb / 3P
GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0029 MA-COM-MASWSS0029 Datasheet
77Kb / 3P
GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz
logo
TriQuint Semiconductor
TGS2351 TRIQUINT-TGS2351 Datasheet
446Kb / 11P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2351-SM TRIQUINT-TGS2351-SM_15 Datasheet
658Kb / 13P
DC ??6 GHz High Power SPDT Switch
TGS2352 TRIQUINT-TGS2352_15 Datasheet
558Kb / 10P
DC ??12 GHz High Power SPDT Switch
TGS2355 TRIQUINT-TGS2355_15 Datasheet
709Kb / 12P
0.5-6 GHz High Power GaN Switch
QPC1006 TRIQUINT-QPC1006 Datasheet
827Kb / 17P
0.15 ??2.8 GHz High Power GaN SP3T Switch
logo
Qorvo, Inc
QPA1027 QORVO-QPA1027 Datasheet
790Kb / 23P
2.8 ??3.5 GHz 60 W GaN Power Amplifier
QPA1000 QORVO-QPA1000 Datasheet
1,017Kb / 14P
2.8 ??3.2 GHz 50 Watt GaN Amplifier
April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com