Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL441AMJB Datasheet (PDF) - Texas Instruments

TL441AMJB Datasheet PDF - Texas Instruments
Part # TL441AMJB
Download  TL441AMJB Download
File Size   309.96 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOGARITHMIC AMPLIFIER

TL441AMJB Datasheet (PDF)

Go To PDF Page Download Datasheet
TL441AMJB Datasheet PDF - Texas Instruments

Part # TL441AMJB
Download  TL441AMJB Click to download

File Size   309.96 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOGARITHMIC AMPLIFIER

TL441AMJB Datasheet (HTML) - Texas Instruments


TL441AMJB Product details

Excellent Dynamic Range
Wide Bandwidth
Built-In Temperature Compensation
Log Linearity (30 dB Sections) . . . 1 dB Typ
Wide Input Voltage Range

description
This monolithic amplifier circuit contains four
30-dB logarithmic stages. Gain in each stage is
such that the output of each stage is proportional
to the logarithm of the input voltage over the 30-dB
input voltage range. Each half of the circuit
contains two of these 30-dB stages summed
together in one differential output that is
proportional to the sum of the logarithms of the
input voltages of the two stages. The four stages
may be interconnected to obtain a theoretical
input voltage range of 120-dB. In practice, this
permits the input voltage range to be typically
greater than 80-dB with log linearity of ± 0.5-dB
(see application data). Bandwidth is from dc to
40 MHz.
This circuit is useful in military weapons systems,
broadband radar, and infrared reconnaissance
systems. It serves for data compression and
analog compensation. This logarithmic amplifier
is used in log IF circuitry as well as video and log
amplifiers. The TL441AM is characterized for
operation over the full military temperature range
of – 55°C to 125°C.




Similar Part No. - TL441AMJB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL441AMJB TI-TL441AMJB Datasheet
246Kb / 15P
LOGARITHMIC AMPLIFIER
TL441AMJB TI1-TL441AMJB Datasheet
257Kb / 15P
LOGARITHMIC AMPLIFIER
More results


Similar Description - TL441AMJB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
True logarithmic amplifier
1995 Jul 25
logo
Texas Instruments
TL441 TI-TL441 Datasheet
226Kb / 15P
LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
LOGARITHMIC AMPLIFIER
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
Limiting-Logarithmic Amplifier
REV. A
logo
Texas Instruments
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
LOGARITHMIC AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com