Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL441AMJB Datasheet(PDF) 3 Page - Texas Instruments

Part # TL441AMJB
Description  LOGARITHMIC AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL441AMJB Datasheet(HTML) 3 Page - Texas Instruments

  TL441AMJB Datasheet HTML 1Page - Texas Instruments TL441AMJB Datasheet HTML 2Page - Texas Instruments TL441AMJB Datasheet HTML 3Page - Texas Instruments TL441AMJB Datasheet HTML 4Page - Texas Instruments TL441AMJB Datasheet HTML 5Page - Texas Instruments TL441AMJB Datasheet HTML 6Page - Texas Instruments TL441AMJB Datasheet HTML 7Page - Texas Instruments TL441AMJB Datasheet HTML 8Page - Texas Instruments TL441AMJB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TL441AM
LOGARITHMIC AMPLIFIER
SLFS038 – JUNE 1976 – REVISED FEBRUARY 1989
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC± = ±6 V, TA = 25°C
PARAMETER
TEST
FIGURE
MIN
TYP
MAX
UNIT
Differential output offset voltage
1
± 25
± 70
mV
Quiescent output voltage
2
5.45
5.6
5.85
V
DC scale factor (differential output), each 3-dB stage, – 35 dBV to – 5 dBV
3
7
8
11
mV/dB
AC scale factor (differential output)
8
mV/dB
DC error at – 20 dBV (midpoint of – 35 dBV to – 5 dBV range)
3
1
2.6
dB
Input impedance
500
Ω
Output impedance
200
Ω
Rise time, 10% to 90% points, CL = 24 pF
4
20
35
ns
Supply current from VCC+
2
14.5
18.5
23
mA
Supply current from VCC –
2
– 6
– 8.5
– 10.5
mA
Power dissipation
2
123
162
201
mW
electrical characteristics over operating free-air temperature range, VCC± = ±6 V (unless otherwise
noted)
PARAMETER
TEST
FIGURE
MIN
MAX
UNIT
Differential output offset voltage
1
± 100
mV
Quiescent output voltage
2
5.3
5.85
V
DC scale factor (differential output) each 30-dB stage, – 35 dBV to – 5 dBV
3
7
11
mV/dB
DC error at
20 dBV (midpoint of
35 dBV to
5 dBV range)
TA = – 55°C
3
4
dB
DC error at – 20 dBV (midpoint of – 35 dBV to – 5 dBV range)
TA = 125°C
3
3
dB
Supply current from VCC+
2
10
31
mA
Supply current from VCC –
2
– 4.5
– 15
mA
Power dissipation
2
87
276
mW
PARAMETER MEASUREMENT INFORMATION
Figure 1
VCC+
VCC–
CA2 CA2
′ VCC + VCC –
Y
Y
Z
Z
DVM
CB2 CB2
′ GND
A1
A2
B1
B2
Figure 2
CA2 CA2
′ VCC+ VCC–
Y
Y
Z
Z
CB2 CB2
′ GND
A1
A2
B1
B2
VCC+
VCC–
ICC +
ICC –
VO
PD = VCC+ • ICC+ + VCC– • ICC–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com