Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL441AMJB Datasheet(PDF) 13 Page - Texas Instruments

Part # TL441AMJB
Description  LOGARITHMIC AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL441AMJB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL441AMJB Datasheet HTML 8Page - Texas Instruments TL441AMJB Datasheet HTML 9Page - Texas Instruments TL441AMJB Datasheet HTML 10Page - Texas Instruments TL441AMJB Datasheet HTML 11Page - Texas Instruments TL441AMJB Datasheet HTML 12Page - Texas Instruments TL441AMJB Datasheet HTML 13Page - Texas Instruments TL441AMJB Datasheet HTML 14Page - Texas Instruments TL441AMJB Datasheet HTML 15Page - Texas Instruments TL441AMJB Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TL441AM
LOGARITHMIC AMPLIFIER
SLFS038 – JUNE 1976 – REVISED FEBRUARY 1989
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
2 k
Ω
2 k
Ω
Origin
20 k
Ω
2 k
Ω
2 k
Ω
Slope
A1
A2
Y
Y
1/2
TL441
Input
A
Output
W
+
–
–
+
NOTE: Adjust the slope to correspond to the base “a”.
Exponential to any base: W = a.
Figure 18. Raising a Fixed Number to a Variable Power
+
–
20 k
Ω
20 k
Ω
Input
1
2.2 k
Ω
0.2
µF
Output
1
Input
2
Output
2
TL592
TL592
0.2
µF
1 k
Ω
1 k
Ω
Gain Adj.
2.2 k
Ω
2.2 k
Ω
2.2 k
Ω
0.2
µF
0.2
µF
1 k
Ω
1 k
Ω
0.2
µF
Gain Adj. = 400
Ω
For 30 dB
Gain Adj. = 400
Ω
For 30 dB
0.2
µF
TL592
TL592
50
Ω
50
Ω
50
Ω
Open
Open
CA2 CA2’
Y
Y
Z
Z
CB2 CB2’
A1
A2
B1
B2
TL441
10
k
Ω
10
k
Ω
VCC –
Gain Adj.
+
–
+
–
+
–
50
Ω
+
–
+
–
Figure 19. Dual-Channel RF Logarithmic Amplifier With 50-dB Input Range Per Channel at 10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com