Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC552 Datasheet (PDF) - Texas Instruments

TLC552 Datasheet PDF - Texas Instruments
Part # TLC552
Download  TLC552 Download
File Size   255.17 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LINCMOSE TIMER

TLC552 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLC552 Datasheet PDF - Texas Instruments

Part # TLC552
Download  TLC552 Click to download

File Size   255.17 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DUAL LINCMOSE TIMER

TLC552 Datasheet (HTML) - Texas Instruments


TLC552 Product details

Very Low Power Consumption . . . 2 mW
Typ at VDD = 5 V
Capable of Operation in Astable Mode
CMOS Output Capable of Swinging Rail to
Rail
High Output-Current Capability
Sink 100 mA Typ
Source 10 mA Typ
Output Fully Compatible With CMOS, TTL,
and MOS
Low Supply Current Reduces Spikes
During Output Transitions
High-Impedance Inputs . . . 1012 W Typ
Single-Supply Operation From 1 V to 18 V
Functionally Interchangeable With the
NE556; Has Same Pinout




Similar Part No. - TLC552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
DUAL LINCMOSE TIMER
TLC552C TI-TLC552C Datasheet
134Kb / 9P
DUAL LINCMOSE TIMER
TLC552C TI-TLC552C Datasheet
148Kb / 10P
DUAL LINCMOSE??TIMER
TLC552CD TI-TLC552CD Datasheet
134Kb / 9P
DUAL LINCMOSE TIMER
TLC552CD TI-TLC552CD Datasheet
148Kb / 10P
DUAL LINCMOSE??TIMER
More results


Similar Description - TLC552

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC252 TI-TLC252 Datasheet
330Kb / 21P
LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC352 TI-TLC352 Datasheet
140Kb / 9P
LinCMOSE DUAL DIFFERENTIAL COMPARATOR
TLC372 TI-TLC372 Datasheet
183Kb / 12P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC552C TI-TLC552C Datasheet
134Kb / 9P
DUAL LINCMOSE TIMER
TLC556 TI-TLC556 Datasheet
236Kb / 18P
DUAL LinCMOSE TIMERS
TLC552C TI-TLC552C_06 Datasheet
148Kb / 10P
DUAL LINCMOSE??TIMER
TLC552 TI1-TLC552 Datasheet
473Kb / 13P
DUAL LINCMOSE TIMER
TLC556IDG4 TI1-TLC556IDG4 Datasheet
1,005Kb / 22P
DUAL LinCMOSE TIMERS
TLC372 TI1-TLC372_16 Datasheet
1Mb / 28P
LinCMOSE DUAL DIFFERENTIAL COMPARATORS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
DUAL LinCMOSE TIMERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com