Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC552 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC552
Description  DUAL LINCMOSE TIMER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC552 Datasheet(HTML) 2 Page - Texas Instruments

  TLC552 Datasheet HTML 1Page - Texas Instruments TLC552 Datasheet HTML 2Page - Texas Instruments TLC552 Datasheet HTML 3Page - Texas Instruments TLC552 Datasheet HTML 4Page - Texas Instruments TLC552 Datasheet HTML 5Page - Texas Instruments TLC552 Datasheet HTML 6Page - Texas Instruments TLC552 Datasheet HTML 7Page - Texas Instruments TLC552 Datasheet HTML 8Page - Texas Instruments TLC552 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TLC552C
DUAL LINCMOS
™ TIMER
SLFS046 – FEBRUARY 1984 – REVISED MAY 1988
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
These devices have internal electrostatic discharge (ESD) protection circuits that will prevent catastrophic
failures at voltages up to 2000 V as tested under MIL-STD-883C, Method 3105.2. However, care should be
exercised in handling these devices as exposure to ESD may result in a degradation of the device parametric
performance.
All unused inputs should be tied to an appropriate logic level to prevent false triggering.
The TLC552C is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
RESET VOLTAGE†
TRIGGER
VOLTAGE†
THRESHOLD
VOLTAGE†
OUTPUT
DISCHARGE
SWITCH
< MIN
Irrelevant
Irrelevant
Low
On
> MAX
< MIN
Irrelevant
High
Off
> MAX
> MAX
> MAX
Low
On
> MAX
> MAX
< MIN
As previously established
† For conditions shown as MIN or MAX, use the appropriate value specified under electrical characteristics.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VDD (see Note 1)
18 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (any input)
– 0.3 V to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Sink current, DSCH or OUT
150 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Source current, OUT
15 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTES:
1. All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
POWER RATING
DERATING FACTOR
ABOVE TA
D
N
950 mW
1150 mW
7.6 mW/
°C
9.2 mW/
°C
25
°C
25
°C
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
1
18
V
Operating free-air temperature range, TA
0
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com