Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPIC6A259 Datasheet (PDF) - Texas Instruments

TPIC6A259 Datasheet PDF - Texas Instruments
Part # TPIC6A259
Download  TPIC6A259 Download
File Size   345.38 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC 8-BIT ADDRESSABLE LATCH

TPIC6A259 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPIC6A259 Datasheet PDF - Texas Instruments

Part # TPIC6A259
Download  TPIC6A259 Click to download

File Size   345.38 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description POWER LOGIC 8-BIT ADDRESSABLE LATCH

TPIC6A259 Datasheet (HTML) - Texas Instruments


TPIC6A259 Product details

Low rDS(on) . . . 1 Ω Typ
Output Short-Circuit Protection
Avalanche Energy . . . 75 mJ
Eight 350-mA DMOS Outputs
50-V Switching Capability
Four Distinct Function Modes
Low Power Consumption

description
This power logic 8-bit addressable latch controls
open-drain DMOS-transistor outputs and is
designed for general-purpose storage applications
in digital systems. Specific uses include
working registers, serial-holding registers, and
decoders or demultiplexers. This is a multifunctional
device capable of operating as eight
addressable latches or an 8-line demultiplexer
with active-low DMOS outputs. Each open-drain
DMOS transistor features an independent
chopping current-limiting circuit to prevent
damage in the case of a short circuit.
Four distinct modes of operation are selectable by
controlling the clear (CLR) and enable (G) inputs
as enumerated in the function table. In the
addressable-latch mode, data at the data-in (D)
terminal is written into the addressed latch. The
addressed DMOS-transistor output inverts the
data input with all unaddressed DMOS-transistor
outputs remaining in their previous states. In the
memory mode, all DMOS-transistor outputs
remain in their previous states and are unaffected
by the data or address inputs. To eliminate the
possibility of entering erroneous data in the latch,
enable G should be held high (inactive) while the
address lines are changing. In the 8-line
demultiplexing mode, the addressed output is
inverted with respect to the D input and all other
outputs are high. In the clear mode, all outputs are
high and unaffected by the address and data
inputs.
Separate power ground (PGND) and logic ground
(LGND) terminals are provided to facilitate
maximum system flexibility. All PGND terminals
are internally connected, and each PGND
terminal must be externally connected to the
power system ground in order to minimize
parasitic impedance. A single-point connection
between LGND and PGND must be made
externally in a manner that reduces crosstalk
between the logic and load circuits.




Similar Part No. - TPIC6A259

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259 Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DW TI-TPIC6A259DW Datasheet
180Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DW TI1-TPIC6A259DW Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259DWG4 TI1-TPIC6A259DWG4 Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results


Similar Description - TPIC6A259

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
STPIC6A259 STMICROELECTRONICS-STPIC6A259 Datasheet
387Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
Mar-2001
logo
Texas Instruments
TPIC6259 TI-TPIC6259 Datasheet
165Kb / 10P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI-TPIC6A259 Datasheet
180Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI-TPIC6B259 Datasheet
159Kb / 11P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Texas Instruments
TPIC6259DWG4 TI-TPIC6259DWG4 Datasheet
879Kb / 16P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6A259 TI1-TPIC6A259_12 Datasheet
246Kb / 13P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
TPIC6B259 TI1-TPIC6B259_16 Datasheet
1Mb / 19P
POWER LOGIC 8-BIT ADDRESSABLE LATCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com