Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70H Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BAV70H Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BAV70H
Download  BAV70H Download
File Size   447.87 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 215mA, 100V Dual High Speed Switching Diode

BAV70H Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV70H Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BAV70H
Download  BAV70H Click to download

File Size   447.87 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 215mA, 100V Dual High Speed Switching Diode

BAV70H Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BAV70H Product details

FEATURES
AEC-Q101 qualified
Fast switching speed
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
High-speed switching
General-purpose switching




Similar Part No. - BAV70H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV70HDW DIODES-BAV70HDW Datasheet
269Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 8
BAV70HDW-7 DIODES-BAV70HDW-7 Datasheet
269Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 8
BAV70HDWQ DIODES-BAV70HDWQ Datasheet
312Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 2
BAV70HDWQ-13 DIODES-BAV70HDWQ-13 Datasheet
312Kb / 5P
SURFACE MOUNT SWITCHING DIODE ARRAY
Rev 2
logo
Guangdong Kexin Industr...
BAV70HF KEXIN-BAV70HF Datasheet
846Kb / 3P
High-Speed Double Diode
More results


Similar Description - BAV70H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300_15 Datasheet
167Kb / 11P
Dual high-speed switching diode
Rev. 5-5 March 2012
1PS301 PHILIPS-1PS301_15 Datasheet
236Kb / 11P
Dual high-speed switching diode
Rev. 5-6 March 2012
1PS302 PHILIPS-1PS302_15 Datasheet
212Kb / 11P
Dual high-speed switching diode
Rev. 6-23 July 2012
logo
WILLAS ELECTRONIC CORP
MMDL914T1 WILLAS-MMDL914T1 Datasheet
690Kb / 5P
200mA Speed Switching Diode-100V
logo
ON Semiconductor
MMSD914 ONSEMI-MMSD914 Datasheet
158Kb / 5P
Switching Diode, High Speed, 100V
November, 2012 - Rev. 11
logo
Nexperia B.V. All right...
BAS16DY-Q NEXPERIA-BAS16DY-Q Datasheet
204Kb / 9P
High-speed dual switching diode
20 April 2023
BAS16DY NEXPERIA-BAS16DY Datasheet
212Kb / 9P
High-speed dual switching diode
20 April 2023
1PS300 NEXPERIA-1PS300 Datasheet
749Kb / 11P
Dual high-speed switching diode
Rev. 5 - 5 March 2012
1PS301 NEXPERIA-1PS301 Datasheet
810Kb / 11P
Dual high-speed switching diode
Rev. 5 - 6 March 2012
1PS302 NEXPERIA-1PS302 Datasheet
787Kb / 11P
Dual high-speed switching diode
Rev. 6 - 23 July 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com