Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP621-4 Datasheet (PDF) - Toshiba Semiconductor

TLP621-4 Datasheet PDF - Toshiba Semiconductor
Part # TLP621-4
Download  TLP621-4 Download
File Size   230.74 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controller AC / DC−Input Module Solid State Relay

TLP621-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP621-4 Datasheet PDF - Toshiba Semiconductor

Part # TLP621-4
Download  TLP621-4 Click to download

File Size   230.74 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Programmable Controller AC / DC−Input Module Solid State Relay

TLP621-4 Datasheet (HTML) - Toshiba Semiconductor


TLP621-4 Product details

The TOSHIBA TLP621, −2 and −4 consists of a photo−transistor optically coupled to a gallium arsenide infrared emitting diode.
The TLP621−2 offers two isolated channels in an eight lead plastic DIP, which the TLP621−4 provides four isolated channels in a sixteen plastic DIP.

 Collector−emitter voltage: 55 V (min.)
 Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)




Similar Part No. - TLP621-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP621-4 TOSHIBA-TLP621-4 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621-4 TOSHIBA-TLP621-4 Datasheet
245Kb / 10P
Programmable Controller
logo
ISOCOM COMPONENTS
TLP621-4 ISOCOM-TLP621-4 Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP621-4 TOSHIBA-TLP621-4 Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
TLP621-4 TOSHIBA-TLP621-4 Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
More results


Similar Description - TLP621-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP504A TOSHIBA-TLP504A Datasheet
357Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP521-1 TOSHIBA-TLP521-1 Datasheet
372Kb / 8P
programmable controllers ac/dc-input module solid state relay
TLP531 TOSHIBA-TLP531 Datasheet
816Kb / 9P
Programmable Controllers AC / DC-Input Module Solid State Relay
TLP621 TOSHIBA-TLP621 Datasheet
425Kb / 10P
PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621-4GB TOSHIBA-TLP621-4GB Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
TLP621-4GBF TOSHIBA-TLP621-4GBF Datasheet
208Kb / 10P
Programmable Controller AC / DC−Input Module Solid State Relay
01-Oct-2007
TLP621GBF TOSHIBA-TLP621GBF Datasheet
208Kb / 10P
Programmable Controller AC / DC?묲nput Module Solid State Relay
logo
Guangdong Youtai Semico...
TLP521GB UMW-TLP521GB Datasheet
792Kb / 8P
PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE SOLID STATE RELAY
TLP621GB-1 UMW-TLP621GB-1 Datasheet
519Kb / 8P
PROGRAMMABLE CONTROLLER AC/ DC - INPUT MODULE SOLID STATE RELAY
TLP621GB-1S UMW-TLP621GB-1S Datasheet
519Kb / 8P
PROGRAMMABLE CONTROLLER AC/ DC - INPUT MODULE SOLID STATE RELAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com