Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1035 Datasheet (PDF) - Qorvo, Inc

QPD1035 Datasheet PDF - Qorvo, Inc
Part # QPD1035
Download  QPD1035 Download
File Size   2027.69 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor

QPD1035 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1035 Datasheet PDF - Qorvo, Inc

Part # QPD1035
Download  QPD1035 Click to download

File Size   2027.69 Kbytes
Page   21 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor

QPD1035 Datasheet (HTML) - Qorvo, Inc


QPD1035 Product details

Product Overview
The QPD1035 is a 40W (P3dB) discrete GaN on SiC
HEMT which operates from DC to 6 GHz on a 50V supply
rail. The device has an input pre-match and is ideally
suitable for broadband amplifier application for pulsed
and CW operations.

Key Features
• Operating Frequency Range: DC – 6 GHz
• Operating Voltage: 50 V
• Output Power (P3dB) = 50 W (1)
• Drain Efficiency (P3dB) = 52.2 % (1)
• Linear Gain = 15.1 dB (1)
• Low thermal resistance package

Applications
• Military Radar
• Civilian Radar
• Professional and military radio communications
• Test instrumentation
• Wideband or narrowband amplifiers
• Jammers




Similar Part No. - QPD1035

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1035L QORVO-QPD1035L Datasheet
2Mb / 21P
40 W, 50 V, DC – 6 GHz, GaN RF Power Transistor
May 2024
More results


Similar Description - QPD1035

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
DC ??6 GHz 18 W GaN RF Power Transistor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3_15 Datasheet
487Kb / 15P
DC 6 GHz 18 W GaN RF Power Transistor
logo
Qorvo, Inc
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
QPD1016 QORVO-QPD1016 Datasheet
1Mb / 24P
DC ??1.7 GHz, 50 V, 500 W GaN RF Transistor
August 17, 2018
T2G6003028-FS QORVO-T2G6003028-FS_V01 Datasheet
2Mb / 20P
30 W, 28V DC ??6 GHz, GaN RF Power Transistor
August 2021
QPD1016L QORVO-QPD1016L Datasheet
1Mb / 24P
DC – 1.7 GHz, 50 V, 500 W GaN RF Transistor
September 2020
T2G6003028-FL QORVO-T2G6003028-FL Datasheet
2Mb / 21P
30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
logo
WOLFSPEED, INC.
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
CGHV1F006S WOLFSPEED-CGHV1F006S Datasheet
3Mb / 22P
6 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 6.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com