Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-160 Datasheet (PDF) - Hirose Electric

U.FL-R-SMT-160 Datasheet PDF - Hirose Electric
Part # U.FL-R-SMT-160
Download  U.FL-R-SMT-160 Download
File Size   433.09 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height

U.FL-R-SMT-160 Datasheet (PDF)

Go To PDF Page Download Datasheet
U.FL-R-SMT-160 Datasheet PDF - Hirose Electric

Part # U.FL-R-SMT-160
Download  U.FL-R-SMT-160 Click to download

File Size   433.09 Kbytes
Page   12 Pages
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric
Description Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height

U.FL-R-SMT-160 Datasheet (HTML) - Hirose Electric


U.FL-R-SMT-160 Product details

■Features
1. Nominal mated height of 1.9 or 2.3mm, 2.4mm (Max. 2.0 or 2.4mm, 2.5mm)(Fig.1)
2. Small mounting area
The receptacle occupies an area of 7.7mm2.
3. Light weight
Receptacle : 15.7mg
4. Supports high frequency up to 6GHz
To meet the frequency requirements of a wide variety of miniature devices, the connectors offer high frequency performance from DC to 6GHz, with a V.S.W.R. of 1.3 to 1.5 max.
5. Automatic board placement
Packaged on tape-and-reel the receptacles can be placed with vacuum nozzles of the automatic placement equipment.
6. Plugs are terminated with ultra-fine coaxial (fluorinated resin insulated) cable
Standard ultra-fine coaxial cable of 0.81mm diameter (single braid shielding) is used for the plug termination, assuring secure and stable connections.
7. Simple connector mating / unmating
Use of available extraction tool assures correct disconnection of the plug and receptacle.
8. Verification of the fully mated condition
Tactile click sensation confirms fully mated condition, assuring complete electrical and mechanical connection.
9. Halogen-free*(Receptacle,plug(HF type))
*As defined by IEC61249-2-21
Br-900 ppm maximum, Cl-900 ppm maximum, Cl+Br combined-1,500 ppm maximum




Similar Part No. - U.FL-R-SMT-160

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
139Kb / 1P
U.FL-R-SMT-1
08/11/2012
U.FL-R-SMT-10 HIROSE-U.FL-R-SMT-10 Datasheet
139Kb / 1P
U.FL-R-SMT-1
08/11/2012
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1_V01 Datasheet
139Kb / 1P
U.FL-R-SMT-1
08/11/2012
More results


Similar Description - U.FL-R-SMT-160

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
U.FL-LP HIROSE-U.FL-LP Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com