Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-160 Datasheet(PDF) 7 Page - Hirose Electric

Part # U.FL-R-SMT-160
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-160 Datasheet(HTML) 7 Page - Hirose Electric

Back Button U.FL-R-SMT-160 Datasheet HTML 3Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 9Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 10Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Usage Precautions
1. Plugs
(1) Mating / unmating
(2) Pull forces on the cable
after connectors are
mated.
(3) Precautions
1) To disconnect connectors, insert the end portion of U.FL-LP-N-2 and U.FL-LP(V)-N-2 under the
connector flanges and pull off vertically, in the direction of
the connector mating axis.
2) To mate the connectors, the mating axes of both connectors
must be aligned and the connectors can be mated. The
"click" will confirm fully mated connection.Do not attempt to
insert on an extreme angle.
After the connectors are mating, do not apply a load to the cable in excess of the values indicated in the
diagram below.
Do NOT forcefully twist or deform wires.
(1) Recommended reflow
temperature profile
(3) Recommended metal
mask thickness
(4) Reflow cycles
0.1 to 0.12mm
2 times
(2) Recommended manual
soldering
2. Receptacles
q The temperature of the printed circuit
board surface temperature at the
points of contact with the terminals.
w Reflow soldering should be
performed at a printed circuit surface
temperature of 250°C max.
e In individual applications the actual
temperature may vary, depending on
the solder paste type, volume /
thickness and board size / thickness.
Consuly your solder paste and
equipment manufacturer for specific
recommendations.
(1) Operating environment
The connectors are not designed to operate in the following environments :
• Exposed to a excessive amounts of fine particles and dust
• Regions and places having a high density of sulfur dioxide, hydrogen sulfide, nitrogen dioxide or other corrosive
gasses.
• Environments having large rapid variations in temperature.
(2) Storage conditions -
Receptacle
Store in the Hirose Electric packaging.
Temperature : -10 to +40ç, Humidity : 85% max.
Use within 6 months of delivery.
Receptacles for which the storage period has elapsed must be tested for solderability to the PC board
mounting surface.
3. Operating environment and storage conditions
Extraction Tool
U.FL-R-SMT-1
U.FL Cable
Assembly
80
100
120
140
160
180
200
220
240
260
[ç]
Preheat
(130 to 180ç)
230ç
220ç
50 seconds max.
120 seconds max.
60 seconds max.
Time
250 ç max. for
10 seconds
1N max (U.FL-LP(V)-040HF, U.FL-LP-062HF)
2N max (U.FL-LP-040HF, U.FL-LP-066HF, U.FL-LP-068HF, U.FL-LP-088HF)
1N max (U.FL-LP(V)-040HF, U.FL-LP-062HF)
2N max (U.FL-LP-040HF, U.FL-LP-066HF, U.FL-LP-068HF, U.FL-LP-088HF)
3N max (U.FL-LP(V)-040HF, U.FL-LP-062HF)
4N max (U.FL-LP-040HF, U.FL-LP-066HF, U.FL-LP-068HF, U.FL-LP-088HF)
U.FL-LP
Cable Assembly
U.FL-R-SMT-1
Manual soldering : 350˚C for 5 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com