Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-160 Datasheet(PDF) 12 Page - Hirose Electric

Part # U.FL-R-SMT-160
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-160 Datasheet(HTML) 12 Page - Hirose Electric

Back Button U.FL-R-SMT-160 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 9Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 10Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 11Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
17.9
1/4-36UNS-2A
12.7
9.55
8.64
1.7
4∞Ø2.6
2∞Ø2.6
17.9
1/4-36UNS-2A
9.55
1.7
8
17.9
1/4-36UNS-2A
9.55
1.5
8 HEX
5.85
5.9+0.1
0
●Mounting pattern
Reverse polarity SMA
Panel mount adapter (Four Screws)
Panel mount adapter (Two Screws)
Panel mount adapter (Bulkhead)
Part No.
HRS No.
SMA(R)J-U.FLJ-PA4
311-0466-5
Part No.
HRS No.
SMA(R)J-U.FLJ-PA2
311-0468-0
Part No.
HRS No.
SMA(R)J-U.FLJ-BPA-4
311-0464-0
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 06/2018. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com