Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U.FL-R-SMT-160 Datasheet(PDF) 11 Page - Hirose Electric

Part # U.FL-R-SMT-160
Description  Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-R-SMT-160 Datasheet(HTML) 11 Page - Hirose Electric

Back Button U.FL-R-SMT-160 Datasheet HTML 4Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 5Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 6Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 7Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 8Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 9Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 10Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 11Page - Hirose Electric U.FL-R-SMT-160 Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
U.FL Series
●Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
4∞Ø2.6
17.9
9.55
12.7
8.64
1.7
1/4-36UNS-2A
17.9
9.55
1.7
1/4-36UNS-2A
8
2∞Ø2.6
17.9
8 HEX
11
5.85
1.5
1/4-36UNS-2A
5.9+0.1
0
●Panel cut-out
1/4-36UNS-2A
6
5.08
16
5.08±0.05
4∞Ø1.5
+0.1
0
●Panel cut-out
■SMA conversion adapter
SMA
Panel mount adapter (Four Screws)
Panel mount adapter (Two Screws)
Panel mount adapter (Bulkhead)
PCB mount adapter
Part No.
HRS No.
HRMJ-U.FLJ-PA4
311-0465-2
Part No.
HRS No.
HRMJ-U.FLJ-PA2
311-0467-8
Part No.
HRS No.
HRMJ-U.FLJ-BPA-4
311-0463-7
Part No.
HRS No.
Finish
HRMJ-U.FLJ-PC
311-0411-3
Nickel plated
HRMJ-U.FLJ-PC(01)
311-0411-3 01
Gold plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com