Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC846BSH Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

BC846BSH Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # BC846BSH
Download  BC846BSH Download
File Size   457.97 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, Dual NPN Small Signal Transistor

BC846BSH Datasheet (PDF)

Go To PDF Page Download Datasheet
BC846BSH Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # BC846BSH
Download  BC846BSH Click to download

File Size   457.97 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 200mW, Dual NPN Small Signal Transistor

BC846BSH Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


BC846BSH Product details

FEATURES
AEC-Q101 qualified
General-purpose transistors
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
General switching and amplification




Similar Part No. - BC846BSH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BC846BSH NEXPERIA-BC846BSH Datasheet
235Kb / 10P
65 V, 100 mA NPN/NPN general-purpose double transistor
22 March 2021
BC846BSH-Q NEXPERIA-BC846BSH-Q Datasheet
236Kb / 10P
65 V, 100 mA NPN/NPN general-purpose double transistor
6 May 2021
More results


Similar Description - BC846BSH

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC846S MCC-BC846S Datasheet
343Kb / 4P
Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN Datasheet
320Kb / 5P
PNP and NPN Small Signal Transistor 200mW
logo
Taiwan Semiconductor Co...
BC817-16W TSC-BC817-16W Datasheet
576Kb / 4P
200mW, NPN Small Signal Transistor
BC807W TSC-BC807W Datasheet
553Kb / 4P
200mW, PNP Small Signal Transistor
BC817W TSC-BC817W Datasheet
350Kb / 6P
200mW, NPN Small Signal Transistor
BC856A TSC-BC856A_14 Datasheet
323Kb / 6P
200mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BC846S MCC-BC846S_13 Datasheet
372Kb / 4P
Dual NPN Small Signal Transistor 200mW
BC847PN MCC-BC847PN_13 Datasheet
350Kb / 5P
PNP and NPN Small Signal Transistor 200mW
BCW66F MCC-BCW66F Datasheet
271Kb / 3P
NPN Small Signal Transistor 200mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com