Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC6300 Datasheet (PDF) - Analog Devices

HMC6300 Datasheet PDF - Analog Devices
Part # HMC6300
Download  HMC6300 Download
File Size   740.97 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 GHz Millimeterwave Transmitter, 57 GHz to 64 GHz

HMC6300 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC6300 Datasheet PDF - Analog Devices

Part # HMC6300
Download  HMC6300 Click to download

File Size   740.97 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 GHz Millimeterwave Transmitter, 57 GHz to 64 GHz

HMC6300 Datasheet (HTML) - Analog Devices


HMC6300 Product details

FEATURES
Frequency band: 57 GHz to 64 GHz
RF signal bandwidth: up to 1.8 GHz
Output power for 1 dB compression: 15 dBm
Gain: 5 dB to 35 dB
Digital and analog RF and IF gain control
Integrated frequency synthesizer
Integrated image reject filter
Partially external loop filter
Support for external local oscillator (LO)
On-chip temperature sensor
Support for 256 QAM modulation
Integrated minimum shift keying (MSK) modulator
Universal analog I/Q baseband interface
3-wire serial digital interface
65-ball, RoHS compliant, wafer level ball grid array

APPLICATIONS
Small cell backhaul
60 GHz industrial, scientific, and medical (ISM) band data transfer
Multiple Gbps data communication
WiGig/802.11ad radio
High definition video transmission
Radar/high resolution imaging




Similar Part No. - HMC6300

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6300 AD-HMC6300 Datasheet
740Kb / 26P
Output power for 1 dB compression
Rev. B
HMC6300BG46 AD-HMC6300BG46 Datasheet
740Kb / 26P
Output power for 1 dB compression
Rev. B
More results


Similar Description - HMC6300

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
60 GHz Transmitter (Tx) Waveguide Module
logo
Marki Microwave
AMM-7210 MARKIMICROWAVE-AMM-7210 Datasheet
5Mb / 16P
22 GHz ??57 GHz GaAs Driver Amplifier
logo
Analog Devices
ADMV9611 AD-ADMV9611 Datasheet
100Kb / 2P
60 GHz Millimeterwave Short Data Link
ADMV9621 AD-ADMV9621 Datasheet
106Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
logo
Infineon Technologies A...
AN376 INFINEON-AN376 Datasheet
2Mb / 33P
Transceiver for V-Band Backhaul Applications from 57 to 64 GHz
Rev. 1.0 2014-06-15
logo
Texas Instruments
AWRL6432 TI-AWRL6432 Datasheet
1Mb / 64P
AWRL6432 Single-Chip 57- to 64-GHz Automotive Radar Sensor
DECEMBER 2022
IWRL6432 TI-IWRL6432 Datasheet
1Mb / 64P
IWRL6432 Single-Chip 57- to 64-GHz Industrial Radar Sensor
DECEMBER 2022
logo
Analog Devices
ADMV9613 AD-ADMV9613 Datasheet
87Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
ADMV9623 AD-ADMV9623 Datasheet
86Kb / 2P
60 GHz Millimeterwave Short Data Link
Rev. Sp0
logo
Texas Instruments
IWR6243 TI1-IWR6243 Datasheet
1Mb / 62P
IWR6243 Single-Chip 57- to 64-GHz FMCW Transceiver
REVISED NOVEMBER 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com