Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8640A Datasheet (PDF) - Analog Devices

LT8640A Datasheet PDF - Analog Devices
Part # LT8640A
Download  LT8640A Download
File Size   3460.1 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current

LT8640A Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8640A Datasheet PDF - Analog Devices

Part # LT8640A
Download  LT8640A Click to download

File Size   3460.1 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 6A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current

LT8640A Datasheet (HTML) - Analog Devices


LT8640A Product details

FEATURES
n Silent Switcher ®2 Architecture
n Ultralow EMI Emissions on Any PCB
n Eliminates PCB Layout Sensitivity
n Internal Bypass Capacitors Reduce Radiated EMI
n Optional Spread Spectrum Modulation
n High Efficiency at High Frequency
n Up to 96% Efficiency at 1MHz, 12VIN to 5VOUT
n Up to 95% Efficiency at 2MHz, 12VIN to 5VOUT
n Wide Input Voltage Range: 3.4V to 42V
n Output Voltage Range: 0.97V to 10V(LT8640S/LT8643S);
0.97V to (VIN – 0.5V) (LT8640SA/LT8643SA)
n 6A Maximum Continuous, 7A Peak Output
n Ultralow Quiescent Current Burst Mode® Operation
n 2.5μA IQ Regulating 12VIN to 3.3VOUT
(LT8640S/LT8640SA)
n Output Ripple < 10mVP-P
n External Compensation: Fast Transient Response and
Current Sharing (LT8643S/LT8643SA)
n Robust High VOUT Operation (LT8640SA/LT8643SA)
n Safely Tolerates High Reverse Current
n Fast Minimum Switch On-Time: 30ns
n Low Dropout Under All Conditions: 100mV at 1A
n Forced Continuous Mode
n Adjustable and Synchronizable: 200kHz to 3MHz
n Output Soft-Start and Tracking
n Small 24-Lead 4mm × 4mm LQFN Package
n AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
n Automotive and Industrial Supplies




Similar Part No. - LT8640A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8640A AD-LT8640A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8640A AD-LT8640A Datasheet
1Mb / 31P
42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
Rev 0
LT8640A AD-LT8640A Datasheet
1Mb / 44P
42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. 0
LT8640AJUDCM-3.3PBF AD-LT8640AJUDCM-3.3PBF Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
More results


Similar Description - LT8640A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8653S AD-LT8653S Datasheet
2Mb / 30P
Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8650SP AD-LT8650SP Datasheet
3Mb / 34P
Dual Channel 6A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2μA Quiescent Current
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com