Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPS Datasheet (PDF) - Sensata Technologies, Inc.

KPS Datasheet PDF - Sensata Technologies, Inc.
Part # KPS
Download  KPS Download
File Size   277.65 Kbytes
Page   2 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description CRANKCASE VENTILATION SENSORS

KPS Datasheet (PDF)

Go To PDF Page Download Datasheet
KPS Datasheet PDF - Sensata Technologies, Inc.

Part # KPS
Download  KPS Click to download

File Size   277.65 Kbytes
Page   2 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description CRANKCASE VENTILATION SENSORS

KPS Datasheet (HTML) - Sensata Technologies, Inc.


KPS Product details

Features
Benefits
• Flexible system materials selection to cope with variety of requirements,
e.g., noble metallization die and package options
• Wide range of pressure range, e.g., -40kPa / +25kPa
• Analog or SENT
• ODB requirement for leak and disconnect detection of the fuel vapor
hoses. No uncontrolled venting of crankcase gasses
• Pressure sensing is the only option to meet small leak detection as
demanded by future US OBD
• Flexible calibration possibilities to meet specific customer control
strategies




Similar Part No. - KPS

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KPS TDK-KPS Datasheet
231Kb / 2P
5 to 15W AC-DC Board Mount Power Supplies
logo
Schurter Inc.
KPS SCHURTER-KPS Datasheet
77Kb / 2P
The overvoltage protection element diverts overvoltages
logo
List of Unclassifed Man...
KPS ETC-KPS Datasheet
576Kb / 3P
Power Wirewound Resistors | Radial | Fiber glass core | coated
logo
HK TO-GRACE TECHNOLOGY ...
KPS-3227SP1C TO-GRACE-KPS-3227SP1C Datasheet
729Kb / 3P
Ambient Light Photo Sensor
KPS-5130PD7C TO-GRACE-KPS-5130PD7C Datasheet
677Kb / 4P
RGB Color Sensor
More results


Similar Description - KPS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
DNFK HAMMOND-DNFK Datasheet
55Kb / 1P
ENSEMBLES DE FRILLES DE VENTILATION
PPG HAMMOND-PPG Datasheet
69Kb / 1P
Panneau de ventilation
PPGP HAMMOND-PPGP Datasheet
67Kb / 1P
Panneau pour grille de ventilation
logo
Amphenol Corporation
T7000 AMPHENOL-T7000 Datasheet
76Kb / 4P
Identify areas with low or substandard ventilation
logo
Tripp Lite. All Rights ...
SRCOOLTMVENT TRIPPLITE-SRCOOLTMVENT Datasheet
46Kb / 2P
Emergency Fallback Ventilation System for SRCOOL3KTP Air Conditioner
logo
Panasonic Semiconductor
FV-15VQ4 PANASONIC-FV-15VQ4 Datasheet
375Kb / 1P
Specification Data Panasonic Ventilation Fan
logo
FIBOX Enclosing innovat...
8280004 FIBOX-8280004 Datasheet
37Kb / 1P
Ventilation grid
26.07.2023
3540631 FIBOX-3540631 Datasheet
40Kb / 1P
Ventilation device IP 33
17.08.2023
3541564 FIBOX-3541564 Datasheet
42Kb / 1P
Ventilation device IP 44
17.08.2023
logo
Mallory Sonalert Produc...
SBT12VHFL MSPI-SBT12VHFL Datasheet
85Kb / 1P
Ventilation Melody - High Priority Only
Revision:c
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com