Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOLTMVENT Datasheet (PDF) - Tripp Lite. All Rights Reserved

SRCOOLTMVENT Datasheet PDF - Tripp Lite. All Rights Reserved
Part # SRCOOLTMVENT
Download  SRCOOLTMVENT Download
File Size   46.51 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Emergency Fallback Ventilation System for SRCOOL3KTP Air Conditioner

SRCOOLTMVENT Datasheet (PDF)

Go To PDF Page Download Datasheet
SRCOOLTMVENT Datasheet PDF - Tripp Lite. All Rights Reserved

Part # SRCOOLTMVENT
Download  SRCOOLTMVENT Click to download

File Size   46.51 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Emergency Fallback Ventilation System for SRCOOL3KTP Air Conditioner

SRCOOLTMVENT Datasheet (HTML) - Tripp Lite. All Rights Reserved


SRCOOLTMVENT Product details

Features
Allows Hot Air Trapped Inside a Rack Enclosure to Vent Out During Power Emergencies
This SmartRack® emergency fallback ventilation system works in conjunction with the SRCOOL3KTP
Top-of-Rack Precision Cooling Air Conditioner (sold separately) to help prevent rack equipment from
overheating in case of a cooling system failure. If the SRCOOL3KTP malfunctions due to power failure,
the SRCOOLTMVENT’s embedded thermal sensor triggers a lid release, allowing the hot air within the
rack to dissipate. An SNMP alert via the SRCOOL3KTP’s remote management will notify you that the vent
has opened.
Easy to Install with Included Hardware
The SRCOOLTMVENT inserts easily into the SRCOOL3KTP’s reserved slot using the included mounting
screws and can be retrofitted into existing installations. A 12V DC power supply is also included.




Similar Part No. - SRCOOLTMVENT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SRCOOLTPDUCT TRIPPLITE-SRCOOLTPDUCT Datasheet
57Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL3KTP
More results


Similar Description - SRCOOLTMVENT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP759 TOSHIBA-TLP759 Datasheet
159Kb / 6P
Transistor Invertor Inverter For Air Conditioner Line Receiver IPM Interfaces
TLP114AIGM TOSHIBA-TLP114AIGM Datasheet
162Kb / 6P
Transistor Invertor For Air Conditioner Line Receiver Ipm Interfaces
TLP557 TOSHIBA-TLP557_07 Datasheet
196Kb / 7P
Inverter For Air Conditioner
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
Load for air conditioner 1a 20A power relays
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
Emergency Voice Evacuation System
logo
List of Unclassifed Man...
AHP-1800 ETC2-AHP-1800 Datasheet
217Kb / 1P
Hazardous Location Air Conditioner
logo
Ultralife Corporation.
UB0029 ULTRALIFE-UB0029 Datasheet
636Kb / 2P
Emergency call system back-up power
Rev: -
logo
Tripp Lite. All Rights ...
SR25UBAC TRIPPLITE-SR25UBAC Datasheet
41Kb / 3P
SmartRack 25U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner
SR33UBAC TRIPPLITE-SR33UBAC Datasheet
41Kb / 3P
SmartRack 33U Standard-Depth Rack Enclosure Cabinet for SRCOOL3KTP Top-of-Rack Air Conditioner
SRCOOLTPDUCT TRIPPLITE-SRCOOLTPDUCT Datasheet
57Kb / 2P
SmartRack Exhaust Duct Kit for SRCOOL3KTP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com