Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRCOOLTMVENT Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRCOOLTMVENT
Description  Emergency Fallback Ventilation System for SRCOOL3KTP Air Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRCOOLTMVENT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRCOOLTMVENT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRCOOLTMVENT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1000 Eaton Boulevard
Cleveland, OH 44122
United States
External Power Supply Output
Specs (V / A)
12V 2.5A
External Power Supply Cord Length
(ft.)
6
PHYSICAL
Material of Construction
Steel housing
Housing Color
Black
Unit Dimensions (hwd / in.)
3.440 x 22.320 x 11.850
Unit Dimensions (hwd / cm)
8.74 x 56.59 x 30.1
Unit Weight (lbs.)
17.2
Unit Weight (kg)
7.80
Mounting Details
Allows heat from the rack to escape through the SRCOOL3KTP by opening up the top of the cooler.
STANDARDS & COMPLIANCE
External Power Supply Certifications
UL
Product Compliance
RoHS
WARRANTY & SUPPORT
Product Warranty Period
(Worldwide)
5-year limited warranty
© 2022 Eaton. All Rights Reserved.
Eaton is a registered trademark. All other trademarks
are the property of their respective owners.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com