Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8321 Datasheet (PDF) - Texas Instruments

ADS8321 Datasheet PDF - Texas Instruments
Part # ADS8321
Download  ADS8321 Download
File Size   412.04 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8321 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8321 Datasheet PDF - Texas Instruments

Part # ADS8321
Download  ADS8321 Click to download

File Size   412.04 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER

ADS8321 Datasheet (HTML) - Texas Instruments


ADS8321 Product details

FEATURES
BIPOLAR INPUT RANGE
100kHz SAMPLING RATE
MICRO POWER:
4.5mW at 100kHz
1mW at 10kHz
POWER DOWN: 3μA max
MSOP-8 PACKAGE
PIN-COMPATIBLE TO ADS7816 AND ADS7822
SERIAL (SPI/SSI) INTERFACE

APPLICATIONS
BATTERY OPERATED SYSTEMS
REMOTE DATA ACQUISITION
ISOLATED DATA ACQUISITION
SIMULTANEOUS SAMPLING,
MULTI-CHANNEL SYSTEMS
INDUSTRIAL CONTROLS
ROBOTICS
VIBRATION ANALYSIS

DESCRIPTION
The ADS8321 is a 16-bit sampling analog-to-digital converter
(ADC) with tested specifications over a 4.75V to
5.25V supply range. It requires very little power even when
operating at the full 100kHz data rate. At lower data rates,
the high speed of the device enables it to spend most of its
time in the power-down mode—the average power dissipation
is less than 1mW at 10kHz data rate.
The ADS8321 also features a synchronous serial (SPI/SSI
compatible) interface, and a differential input. The reference
voltage can be set to any level within the range of
500mV to VCC/2.
Ultra-low power and small size make the ADS8321 ideal
for portable and battery-operated systems. It is also a
perfect fit for remote data acquisition modules, simultaneous
multi-channel systems, and isolated data acquisition.
The ADS8321 is available in an MSOP-8 package.




Similar Part No. - ADS8321

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321E BURR-BROWN-ADS8321E Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321E/250 BURR-BROWN-ADS8321E/250 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Similar Description - ADS8321

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8320 BURR-BROWN-ADS8320 Datasheet
105Kb / 13P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com