Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8321 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS8321
Description  16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS8321 Datasheet(HTML) 4 Page - Texas Instruments

  ADS8321 Datasheet HTML 1Page - Texas Instruments ADS8321 Datasheet HTML 2Page - Texas Instruments ADS8321 Datasheet HTML 3Page - Texas Instruments ADS8321 Datasheet HTML 4Page - Texas Instruments ADS8321 Datasheet HTML 5Page - Texas Instruments ADS8321 Datasheet HTML 6Page - Texas Instruments ADS8321 Datasheet HTML 7Page - Texas Instruments ADS8321 Datasheet HTML 8Page - Texas Instruments ADS8321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS8321
4
SBAS123B
www.ti.com
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VCC = +5V, VREF = +2.5V, fSAMPLE = 100kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
INTEGRAL LINEARITY ERROR vs CODE (+25
°C)
3
2
1
0
–1
–2
–3
–4
–5
–6
0000
H
7FF9
H
C000
H
4000
H
FFFD
H
Hex Code
FREQUENCY SPECTRUM
(8192 Point FFT, f
IN = 10.03kHz, –0.3dB)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
020
10
40
50
30
Frequency (kHz)
SUPPLY CURRENT vs TEMPERATURE
1400
1200
1000
800
600
400
200
0
–50
0
50
100
Temperature (
°C)
POWER-DOWN SUPPLY CURRENT
vs TEMPERATURE
600
500
400
300
200
100
0
–50
–25
0
25
50
75
100
Temperature (
°C)
5V
QUIESCENT CURRENT vs V
CC
1.20
1.10
1.00
0.90
0.80
0.70
0.60
2.0
2.5
3.0
3.5
4.0
4.5
5.5
5.0
V
CC (V)
DIFFERENTIAL LINEARITY ERROR vs CODE (+25
°C)
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
0000
H
7FFC
H
C000
H
3FFF
H
FFFD
H
Hex Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com