Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS850 Datasheet (PDF) - Texas Instruments

ADS850 Datasheet PDF - Texas Instruments
Part # ADS850
Download  ADS850 Download
File Size   376.38 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER

ADS850 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS850 Datasheet PDF - Texas Instruments

Part # ADS850
Download  ADS850 Click to download

File Size   376.38 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER

ADS850 Datasheet (HTML) - Texas Instruments


ADS850 Product details

FEATURES
SELF-CALIBRATING
HIGH SFDR: 85dB at NYQUIST
HIGH SNR: 76dB
LOW POWER: 250mW
DIFFERENTIAL OR SINGLE-ENDED INPUTS
+3V/+5V LOGIC I/O COMPATIBLE
FLEXIBLE INPUT RANGE
OVER-RANGE INDICATOR
INTERNAL OR EXTERNAL REFERENCE

APPLICATIONS
IF AND BASEBAND DIGITIZATION
CCD IMAGING SCANNERS
TEST INSTRUMENTATION
IR IMAGING

DESCRIPTION
The ADS850 is a high dynamic range, 14-bit Analog-to-Digital
Converter (ADC) that utilizes a fully differential input, allowing for
either single-ended or differential input interface over varying
input spans. This converter features digital error correction techniques
ensuring 14-bit linearity and a calibration procedure that
corrects for capacitor and gain mismatches. The ADS850 also
includes a high-bandwidth track-and-hold that provides excellent
spurious performance up to and beyond the Nyquist rate.
The ADS850 provides an internal reference that can be programmed
for a 2Vp-p input range for the best spurious performance
and ease of driving. Alternatively, the 4Vp-p input range
can be used for the lowest input referred noise, offering
superior signal-to-noise performance for imaging applications.
There is also the capability to set the range between 2Vp-p and
4Vp-p, or to use an external reference. The ADS850 also
provides an over-range indicator flag to indicate if the input has
exceeded the full-scale input range of the converter.
The low distortion and high signal-to-noise performance provide
the extra margin needed for communications, imaging,
and test instrumentation applications. The ADS850 is available
in a TQFP-48 package.




Similar Part No. - ADS850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS850 TI-ADS850 Datasheet
304Kb / 15P
14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
ADS850 TI1-ADS850 Datasheet
851Kb / 18P
ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8504 TI2-ADS8504 Datasheet
464Kb / 24P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
REVISED JUNE 2007
ADS8504 TI2-ADS8504 Datasheet
467Kb / 25P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
REVISED JUNE 2007
More results


Similar Description - ADS850

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS850 TI-ADS850 Datasheet
304Kb / 15P
14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
HAS-1409 AD-HAS-1409_15 Datasheet
3Mb / 6P
14 BIT 125KHZ ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com