Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE10004 Datasheet (PDF) - Texas Instruments

AFE10004 Datasheet PDF - Texas Instruments
Part # AFE10004
Download  AFE10004 Download
File Size   493.01 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches

AFE10004 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE10004 Datasheet PDF - Texas Instruments

Part # AFE10004
Download  AFE10004 Click to download

File Size   493.01 Kbytes
Page   7 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches

AFE10004 Datasheet (HTML) - Texas Instruments


AFE10004 Product details

1 Features
• Local and remote diode temperature sensor
– ±2.5°C accuracy, maximum
– 0.0625°C resolution
• Internal EEPROM for autonomous operation
– Four independent transfer functions storage
– Device configuration storage
– Open space for user storage
• Four analog outputs
– Four monotonic DACs: 1.22-mV resolution
– Automatically configured output ranges:
• Positive output voltage: 5.5 V, maximum
• Negative output voltage: –10 V, minimum
– High current drive capability:
• Source up to 100 mA
• Sink up to 20 mA
– High capacitive load tolerant: up to 15 μF
• Gate bias on and off control switches
– Two programmable off voltages
• Two auxiliary DACs: 1.22-mV resolution
– Fast switching time: 50 ns, typical
– Low resistance: 3 Ω, maximum
• Built-in sequencing control
• Internal 2.5-V reference
• SPI and I2C interfaces: 1.7-V to 3.6-V operation
– SPI: 4-wire Interface
– I2C: Eight selectable slave addresses
• Specified temperature range: –40°C to +125°C
• Operating temperature range –40°C to +150°C

2 Applications
• Radar
• Electronic warfare
• Communications payload
• Defense radio
• Active antenna system mMIMO (AAS)
• Outdoor backhaul unit

3 Description
The AFE10004 is a highly integrated, autonomous,
power-amplifier (PA) precision analog front end (AFE)
that includes four temperature compensation digitalto-
analog converters (DACs), integrated EEPROM,
and gate bias switches. The four DACs are
programmed by four, independent, user-defined,
temperature-to-voltage transfer functions stored in the
internal EEPROM, allowing any temperature effects to
be corrected without additional external circuitry. After
start up, the device operates without intervention from
a system controller to provide a complete system for
setting and compensating bias voltages in control
applications.
The AFE10004 has four gate bias outputs that are
switched on and off through dedicated control pins.
The gate bias switches are designed for fast
response. In combination with the device PA_ON pin,
this fast response enables correct power sequencing
and protection of depletion-mode transistors, such as
GaAs and GaN.
The function integration and wide operating
temperature range make the AFE10004 an excellent
choice as an all-in-one, autonomous bias control
circuit for the power amplifiers found in RF systems.
The flexible DAC output ranges and built-in
sequencing features let the device be used as a
biasing controller for a large variety of transistor
technologies, such as LDMOS, GaAs, and GaN.
Contact TI sales for the full data sheet.




Similar Part No. - AFE10004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE10004 TI-AFE10004 Datasheet
968Kb / 7P
AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
AFE10004 TI2-AFE10004 Datasheet
5Mb / 156P
AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
JUNE 2025
AFE10004 TI2-AFE10004 Datasheet
5Mb / 159P
AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
REVISED DECEMBER 2025
AFE10004-EP TI2-AFE10004-EP Datasheet
5Mb / 156P
AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
JUNE 2025
AFE10004-EP TI2-AFE10004-EP Datasheet
5Mb / 159P
AFE10004-EP 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
REVISED DECEMBER 2025
More results


Similar Description - AFE10004

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
Texas Instruments
AFE10004 TI-AFE10004 Datasheet
968Kb / 7P
AFE10004 4-Channel Power-Amplifier Precision Analog Front End With Integrated EEPROM and Gate Bias Switches
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com