Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1030 Datasheet (PDF) - Analog Devices

AD1030 Datasheet PDF - Analog Devices
Part # AD1030
Download  AD1030 Download
File Size   78.39 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision Analog Front End with TEC/PMIC

AD1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1030 Datasheet PDF - Analog Devices

Part # AD1030
Download  AD1030 Click to download

File Size   78.39 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision Analog Front End with TEC/PMIC

AD1030 Datasheet (HTML) - Analog Devices


AD1030 Product details

GENERAL DESCRIPTION
The AD1030 is an analog front end (AFE) that includes a high
precision analog-to-digital converter (ADC), voltage output digitalto-
analog converters (VDACs), current output digital-to-analog converters
(IDACs), thermoelectric cooler (TEC) controller, and analog
comparators.
The ADC signal chain contains two analog comparator channels,
10 external voltage inputs, VDAC voltage and current monitor
channels, IDAC voltage and current monitor channels, a precharge
buffer, and a 1 MSPS successive approximation register (SAR)
ADC.
The AD1030 provides four IDAC channels. These are low noise,
low drift current sources with programmable full-scale output ranges
(50 mA, 100 mA, or 150 mA). Each IDAC channel has 12-bit
resolution.
There are 9×, 12-bit VDAC outputs. Four of these VDACs
(Channel 0 to Channel 3) support either a positive voltage range of
0 V to 2.5 V or a negative range from 0 V to –2.5 V. These ranges
can be extended to 0 V to AVDD and 0 V to AVDDNEG.
Channel 4 to Channel 7 of the VDACs support a positive voltage
range of 0 V to 2.5 V. VDAC Channel 8 supports a positive voltage
range of 0 V to 2.5 V. Optionally, Channel 4 to Channel 7 of the
VDACs can support an output range of 0 V to AVDD.
The AD1030 also integrates a TEC controller with a heating and
cooling current up to 1.3 A, is over 90% efficient, and supports a
soft start function.
Use the 4-wire serial port interface (SPI) for up to 40 MHz or the
2-wire I2C interface for up 1 MHz to configure each functional block
and to collect the ADC data.
Note that throughout this data sheet, multifunction pins, such as
VDACP0/AIN4/GPIO0, are referred to either by the entire pin name
or by a single function of the pin, for example, AIN4, when only that
function is relevant.

FEATURES
► Analog input and output
► Multichannel, 12-bit, 1 MSPS ADC
► Up to 10 external channels
► Power, VDAC, IDAC, and temperature monitor internal channels
► Single-ended and differential mode
► 0 V to VREF analog input range
► Input buffer included
► Digital comparators
► Nine, 12-bit voltage output DACs
► 4-channel, selectable output range
► 0 V to 2.5 V or AVDD − 0.1
► AVDDNEG + 0.2 or −2.5 V to −0 V
► 4-channel, 0 V to 2.5 V or AVDD − 0.2 V
► 1-channel, 0 V to 2.5 V
► Four low noise, 12-bit IDACs
► Configurable output range: 50 mA, 100 mA, or 150 mA
► Fast shut down with external IDACDIS pin
► 2 voltage comparators with adjustable hysteresis voltage
► TEC controller
► Optional LDO regulator mode if not using TEC
► Maximum heating and cooling current: 1.3 A
► Current and voltage monitoring and protection
► Over 90% efficient
► Soft start function
► Digital Interface
► 1× SPI, 3.3 V, 40 MHz
► 1× I2C, 3.3 V, 100 kHz, 400 kHz, and 1 MHz
► 14x GPIO shared with analog input and output
► Power
► Multiple supplies, separate IDAC power supply to save power
► AVDDx, IOVDD, and PVDDTECx: 2.85 V to 3.63 V
► AVDDNEG: −1.8 V to −3.63 V
► PVDDIDACx: 1.60 V to AVDDx
► Packages and temperature range
► 3.750 mm × 3.750 mm, 0.40 mm pitch, 61-ball WLCSP
► Fully specified for TJ = –40°C to +125°C

APPLICATIONS
► Optical networking–100G/200G/400G or higher speed optical modules




Similar Part No. - AD1030

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AD103 MICROSEMI-AD103 Datasheet
127Kb / 3P
SCRs 1.5 Amp, Planar
logo
New Jersey Semi-Conduct...
AD103 NJSEMI-AD103 Datasheet
156Kb / 2P
1.6 Amp, Planar
logo
MicroPower Direct, LLC
AD1036-12FS MPD-AD1036-12FS Datasheet
313Kb / 2P
Very Low Cost, 36 - 48W DIN Rail Mount Single Output AC/DC Power Supplies
More results


Similar Description - AD1030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Cyrustek corporation
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
DMM Analog front end with Inrush
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
logo
New Japan Radio
NJU9103 NJRC-NJU9103 Datasheet
1Mb / 48P
Analog Front End with High Gain PGA
Ver.1.2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com