Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU9103 Datasheet (PDF) - New Japan Radio

NJU9103 Datasheet PDF - New Japan Radio
Part # NJU9103
Download  NJU9103 Download
File Size   1901.76 Kbytes
Page   48 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Analog Front End with High Gain PGA

NJU9103 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU9103 Datasheet PDF - New Japan Radio

Part # NJU9103
Download  NJU9103 Click to download

File Size   1901.76 Kbytes
Page   48 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Analog Front End with High Gain PGA

NJU9103 Datasheet (HTML) - New Japan Radio


NJU9103 Product details

■ FEATURES
Single
(1) Case of single conversion.
(Continuous conversion is three times the data rate.)
(2) PGA2 can be used only. (PGA1 cannot be used.)
Two channels of VINP & VINN can be used.
(3) Bias voltage of VINP & VINN is common to VDD / 2.
Input Signal can be used VINP only.
●Supply Voltage +2.7V to +3.6V
●Ambient Operating Temperature
-40°C to +125°C
●ADC Resolution 16-Bit (No missing codes)
●Data Rate 0.814k to 6.51ksps(1)
●Input mode Differential
Single-ended (2)
Pseudo-differential (3)
●PGA 1V/V to 512V/V
●System Calibration for offset & gain drift
●Conversion mode Single / Continuous
●Interface SPI
●Package DFN8 (ESON8-V1) / 2.3mm x 2.3mm
SSOP8 / 3.5mm x 6.4mm

■ GENERAL DESCRIPTION
NJU9103 is a small size AFE with up to 512 times
internal PGA (Programmable Gain Amplifier).
Internal 16-bit ΔΣ type A / D converter can perform
conversion rates from 0.814ksps to 6.51ksps.
The customer can choose internal A/D converter’s
input, among single-ended input, differential input and
pseudo-differential input.
NJU9103 can set the optimum gain to the pressure
sensor, flow sensor by a wide range of gain setting.
Sensor of the offset is corrected by internal D / A
converter. Various parameters (such as gain,
conversion rate, correction) settings can be easily set in
the SPI communication from an external MCU.
NJU9103 will contribute to the customer's
development time reduction and the series product
release. NJU9103 is also can be mounted in a narrow
application footprint by a small 8-pin package. Package
is preparing the DFN and SSOP




Similar Part No. - NJU9103

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU9103 NISSHINBO-NJU9103 Datasheet
5Mb / 48P
Analog Front End with High Gain PGA
Ver.2.0
NJU9103KV1 NISSHINBO-NJU9103KV1 Datasheet
5Mb / 48P
Analog Front End with High Gain PGA
Ver.2.0
NJU9103V NISSHINBO-NJU9103V Datasheet
5Mb / 48P
Analog Front End with High Gain PGA
Ver.2.0
More results


Similar Description - NJU9103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Cyrustek corporation
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
DMM Analog front end with Inrush
ES51980 CYRUSTEK-ES51980 Datasheet
1Mb / 29P
DMM Analog front end with Inrush
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
DMM Analog front end with PEAK
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com