Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE1256 Datasheet (PDF) - Texas Instruments

AFE1256 Datasheet PDF - Texas Instruments
Part # AFE1256
Download  AFE1256 Download
File Size   456.11 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE1256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE1256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE1256 Datasheet PDF - Texas Instruments

Part # AFE1256
Download  AFE1256 Click to download

File Size   456.11 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE1256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors

AFE1256 Datasheet (HTML) - Texas Instruments


AFE1256 Product details

1 Features
1• 256 Channels
• On-Chip, 16-Bit ADC
• Photodiode Short Immunity
• Column Short Immunity
• High Performance:
– Noise: 758 e-RMS with 28-pF Sensor
Capacitor in 1.2-pC Range
– Integral Nonlinearity:
±2 LSB with Internal 16-Bit ADC
– Minimum Scan Time:
– 37.9 μs in Normal Mode
– 20 μs in 2x Binning Mode
• Integration:
– Eight Selectable Full-Scale Ranges:
0.15 pC (Min) to 9.6 pC (Max)
– Built-In Correlated Double Sampler
– 2x Binning (Averages Charge of Two Adjacent
Channels) for Faster Throughput
– Pipelined Integrate and Read: Allows Data
Read During Integration
• Flexibility:
– Electron and Hole Integration
• Low Power:
– 2.9 mW/Ch with ADC
– 2.3 mW/Ch without ADC
– 0.1 mW/Ch in Nap Mode
– Total Power-Down Feature
• 22-mm × 5-mm Gold-Bump Die,
Suitable for TCP and COF

2 Application
Flat-Panel, X-Ray Detector

3 Description
The AFE1256 is a 256-channel, analog front-end
(AFE) designed to suit the requirements of flat-panel
detectors (FPDs) based on digital X-ray systems. The
device includes 256 integrators, a programmable gain
amplifier (PGA) for full-scale, charge-level selection, a
correlated double sampler (CDS) with dual banking,
256:4 analog multiplexers, and four 16-bit,
successive-approximation register (SAR) analog-todigital
converters (ADCs) onboard. Serial data from
the ADCs are available in SPI™ format.
Hardware-selectable integration polarity allows for the
integration of positive or negative charge and
provides more flexibility in system design. The Nap
feature enables substantial power saving. This power
savings is especially useful in battery-powered
systems.
The device is available as a 22-mm × 5-mm goldbumped
die and a 38-mm × 28-mm, COF-314 TDS
package in singulated forms.
To request a full data sheet or other design
resources: request AFE1256




Similar Part No. - AFE1256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE1256GBTD TI1-AFE1256GBTD Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE1256TDS TI1-AFE1256TDS Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
More results


Similar Description - AFE1256

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
Analog front end for digital video processors
2004 Oct 04
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI-AFE0064_13 Datasheet
1Mb / 31P
64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
64 Channel Analog Front End for Digital X-Ray Detector
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com