Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLAD10J Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

PLAD10J Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # PLAD10J
Download  PLAD10J Download
File Size   464.91 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 600V Low VF Surface Mount Rectifier

PLAD10J Datasheet (PDF)

Go To PDF Page Download Datasheet
PLAD10J Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # PLAD10J
Download  PLAD10J Click to download

File Size   464.91 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 10A, 600V Low VF Surface Mount Rectifier

PLAD10J Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


PLAD10J Product details

FEATURES
Low power loss, high efficiency
Ideal for automated placement
Moisture sensitivity level: level 1, per J-STD-020
RoHS Compliant
Halogen-free

APPLICATIONS
Switching mode power supply (SMPS)
General purpose
On board charger
Totem-pole PFC




Similar Part No. - PLAD10J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
PLAD10JH TSC-PLAD10JH Datasheet
466Kb / 5P
10A, 600V Low VF Surface Mount Rectifier
Version: A2412
More results


Similar Description - PLAD10J

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YS1045SL YEASHIN-YS1045SL Datasheet
608Kb / 3P
10A SURFACE MOUNT LOW VF SCHOTTKY B ARRIER RECTIFIER
logo
DIYI Electronic Technol...
SBP10L300CT DYELEC-SBP10L300CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBP10L45CT DYELEC-SBP10L45CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBP10L40CT DYELEC-SBP10L40CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBP10V45CT DYELEC-SBP10V45CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBT10L120CT DYELEC-SBT10L120CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBT10V120CT DYELEC-SBT10V120CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
SBT10120CT DYELEC-SBT10120CT Datasheet
2Mb / 5P
10A LOW VF SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SFS1001GH TSC-SFS1001GH Datasheet
590Kb / 6P
10A, 50V - 600V Super Fast Surface Mount Rectifier
MURF10L60 TSC-MURF10L60 Datasheet
190Kb / 4P
10A, 600V Glass Passivated Low VF High Efficient Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com