Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLAD10J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # PLAD10J
Description  10A, 600V Low VF Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

PLAD10J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  PLAD10J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd PLAD10J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd PLAD10J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd PLAD10J Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd PLAD10J Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PLAD10J
Taiwan Semiconductor
2
Version: A2412
THERMAL PERFORMANCE
PARAMETER
SYMBOL
TYP
UNIT
Junction-to-lead thermal resistance(1)
RӨJL
2.7
°C/W
Junction-to-ambient thermal resistance(1)
RӨJA
12
°C/W
Junction-to-case thermal resistance(2)
RӨJC
1.0
°C/W
Thermal Performance Notes:
1.
Mounted on heat sink with 2" x 3" x 0.25" Al-Plate
2.
JEDEC 51-14 transient dual interface test method (TDIM)
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
TYP
MAX UNIT
Forward voltage(1)
IF = 5A, TJ = 25°C
VF
0.87
-
V
IF = 10A, TJ = 25°C
0.93
1.0
V
IF = 5A, TJ = 125°C
0.74
-
V
IF = 10A, TJ = 125°C
0.82
-
V
Reverse current @ rated VR(2)
TJ = 25°C
IR
-
10
µA
TJ = 125°C
0.2
-
µA
Junction capacitance
1MHz, VR = 4.0V
CJ
95
-
pF
Reverse recovery time
IF = 0.5A, IR = 1.0A,
Irr = 0.25A
trr
906
-
ns
Notes:
1.
Pulse test with PW = 0.3ms
2.
Pulse test with PW = 30ms
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
PLAD10J
ThinDPAK
4,500 / Tape & Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com