Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ208 Datasheet (PDF) - Advanced Micro Devices

PQ208 Datasheet PDF - Advanced Micro Devices
Part # PQ208
Download  PQ208 Download
File Size   242.2 Kbytes
Page   14 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description XC95288XL High Performance CPLD

PQ208 Datasheet (PDF)

Go To PDF Page Download Datasheet
PQ208 Datasheet PDF - Advanced Micro Devices

Part # PQ208
Download  PQ208 Click to download

File Size   242.2 Kbytes
Page   14 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description XC95288XL High Performance CPLD

PQ208 Datasheet (HTML) - Advanced Micro Devices


PQ208 Product details

Features
• 6 ns pin-to-pin logic delays
• System frequency up to 208 MHz
• 288 macrocells with 6,400 usable gates
• Available in small footprint packages
- 144-pin TQFP (117 user I/O pins)
- 208-pin PQFP (168 user I/O pins)
- 256-pin BGA (192 user I/O pins)
- 256-pin FBGA (192 user I/O pins)
- 280-pin CSP (192 user I/O pins)
- Pb-free available for all packages
• Optimized for high-performance 3.3V systems
- Low power operation
- 5V tolerant I/O pins accept 5V, 3.3V, and 2.5V
signals
- 3.3V or 2.5V output capability
- Advanced 0.35 micron feature size CMOS
Fast FLASH™ technology
• Advanced system features
- In-system programmable
- Superior pin-locking and routability with
Fast CONNECT™ II switch matrix
- Extra wide 54-input Function Blocks
- Up to 90 product-terms per macrocell with
individual product-term allocation
- Local clock inversion with three global and one
product-term clocks
- Individual output enable per output pin with local
inversion
- Input hysteresis on all user and boundary-scan pin
inputs
- Bus-hold circuitry on all user pin inputs
- Full IEEE Standard 1149.1 boundary-scan (JTAG)
• Fast concurrent programming
• Slew rate control on individual outputs
• Enhanced data security features
• Excellent quality and reliability
- Endurance exceeding 10,000 program/erase
cycles
- 20 year data retention
- ESD protection exceeding 2,000V
• Pin-compatible with 5V-core XC95288 device in the
208-pin HQFP package
WARNING: Programming temperature range of
TA = 0° C to +70° C

Description
The XC95288XL is a 3.3V CPLD targeted for high-performance, low-voltage applications in leading-edge communications and computing systems. It is comprised of 16
54V18 Function Blocks, providing 6,400 usable gates with
propagation delays of 6 ns. See Figure 2 for architecture overview

Power Estimation
Power dissipation in CPLDs can vary substantially depending on the system frequency, design application and output
loading. To help reduce power dissipation, each macrocell
in a XC9500XL device may be configured for low-power
mode (from the default high-performance mode). In addition, unused product-terms and macrocells are automatically deactivated by the software to further conserve power.
For a general estimate of ICC, the following equation may be
used:
ICC(mA) = MCHS(0.175*PTHS + 0.345) + MCLP(0.052*PTLP
+ 0.272) + 0.04 * MCTOG(MCHS +MCLP)* f




Similar Part No. - PQ208

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PQ208 MICROSEMI-PQ208 Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PQ208 MICROSEMI-PQ208 Datasheet
10Mb / 212P
Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PQ208 MICROSEMI-PQ208 Datasheet
8Mb / 162P
ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PQ208 MICROSEMI-PQ208 Datasheet
11Mb / 242P
ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
PQ208 ACTEL-PQ208 Datasheet
824Kb / 108P
SX-A Family FPGAs
More results


Similar Description - PQ208

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
High- Performance EE CPLD
ATF1516AS ATMEL-ATF1516AS Datasheet
266Kb / 11P
High Performance EE-Based CPLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
High-performance EEPROM CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
Highperformance CPLD
ATF1504BE ATMEL-ATF1504BE Datasheet
751Kb / 30P
Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
Highperformance CPLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
High Performance CPLD
XC9500XL XILINX-XC9500XL Datasheet
293Kb / 18P
XC9500XL High-Performance CPLD Family Data Sheet
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
High-Performance CPLD
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com