Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1516AS Datasheet (PDF) - ATMEL Corporation

ATF1516AS Datasheet PDF - ATMEL Corporation
Part # ATF1516AS
Download  ATF1516AS Download
File Size   266.44 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance EE-Based CPLD

ATF1516AS Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF1516AS Datasheet PDF - ATMEL Corporation

Part # ATF1516AS
Download  ATF1516AS Click to download

File Size   266.44 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Performance EE-Based CPLD

ATF1516AS Datasheet (HTML) - ATMEL Corporation


ATF1516AS Product details

Description
The ATF1516AS is a high performance, high density Complex Programmable Logic Device (CPLD) which utilizes Atmel’s proven electrically erasable technology. With 256 logic macrocells and up to 164 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic PLDs. The ATF1516AS’s enhanced routing switch matrices increase usable gate count, and increase odds of successful pin-locked design modifications.

Features
• High Density, High Performance Electrically Erasable Complex Programmable Logic Device
    – 256 Macrocells
    – 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
    – 160, 192, 208-pins
    – 10 ns Maximum Pin-to-Pin Delay
    – Registered Operation Up To 100 MHz
    – Enhanced Routing Resources
• Flexible Logic Macrocell
    – D/T/Latch Configurable Flip Flops
    – Global and Individual Register Control Signals
    – Global and Individual Output Enable
    – Programmable Output Slew Rate
    – Programmable Output Open Collector Option
    – Maximum Logic utilization by burying a register within a COM output
• Advanced Power Management Features
    – Automatic 3 mA Stand-By for “L” Version (Max.)
    – Pin-Controlled 4 mA Stand-By Mode (Typical)
    – Programmable Pin-Keeper Inputs and I/Os
    – Reduced-Power Feature Per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 160-pin PQFP, 192 PGA and 208-pin RQFP Packages
• Advanced EE Technology
    – 100% Tested
    – Completely Reprogrammable
    – 100 Program/Erase Cycles
    – 20 Year Data Retention
    – 2000V ESD Protection
    – 200 mA Latch-Up Immunity
• JTAG Boundary-Scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• Fast In-System Programmability (ISP) via JTAG
• PCI-compliant
• 3.3 or 5.0V I/O pins
• Security Fuse Feature




Similar Part No. - ATF1516AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1516AE-10 ATMEL-ATF1516AE-10 Datasheet
1Mb / 76P
2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-5 ATMEL-ATF1516AE-5 Datasheet
1Mb / 76P
2nd Generation EE Complex Programmable Logic Devices
ATF1516AE-7 ATMEL-ATF1516AE-7 Datasheet
1Mb / 76P
2nd Generation EE Complex Programmable Logic Devices
More results


Similar Description - ATF1516AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1500ABV ATMEL-ATF1500ABV Datasheet
293Kb / 12P
High- Performance EE PLD
ATF1502AS ATMEL-ATF1502AS Datasheet
344Kb / 18P
High Performance E2PROM CPLD
ATF1504AS ATMEL-ATF1504AS Datasheet
462Kb / 21P
High- Performance EE CPLD
ATF16LV8C ATMEL-ATF16LV8C Datasheet
215Kb / 10P
High- Performance EE PLD
ATF22V10B ATMEL-ATF22V10B Datasheet
886Kb / 14P
High- Performance EE PLD
ATFI1502AS ATMEL-ATFI1502AS Datasheet
316Kb / 25P
High-performance EEPROM CPLD
ATF16V8BQL-15PU ATMEL-ATF16V8BQL-15PU Datasheet
641Kb / 26P
High performance EE PLD
ATF16V8B ATMEL-ATF16V8B_14 Datasheet
2Mb / 26P
High-performance EE PLD
logo
Xilinx, Inc
XC9572XL-7VQ64I XILINX-XC9572XL-7VQ64I Datasheet
86Kb / 8P
High Performance CPLD
XC9500XV XILINX-XC9500XV Datasheet
212Kb / 19P
High-Performance CPLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com