Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1516AS Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF1516AS
Description  High Performance EE-Based CPLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1516AS Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF1516AS Datasheet HTML 3Page - ATMEL Corporation ATF1516AS Datasheet HTML 4Page - ATMEL Corporation ATF1516AS Datasheet HTML 5Page - ATMEL Corporation ATF1516AS Datasheet HTML 6Page - ATMEL Corporation ATF1516AS Datasheet HTML 7Page - ATMEL Corporation ATF1516AS Datasheet HTML 8Page - ATMEL Corporation ATF1516AS Datasheet HTML 9Page - ATMEL Corporation ATF1516AS Datasheet HTML 10Page - ATMEL Corporation ATF1516AS Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ATF1516AS/L
7
Input Test Waveforms and
Measurement Levels
r
R, tF = 1.5 ns typical
Output AC Test Loads:
Note:
*Numbers in parenthesis refer to 3.0V operating condi-
tions (preliminary).
Power Down Mode
The ATF1516AS includes two pins for optional pin con-
trolled power down feature. When this mode is enabled, the
PD pin acts as the power down pin. When the PD1 and
PD2 pin is high, the device supply current is reduced to
less than 3 mA. During power down, all output data and
internal logic states are latched and held. Therefore, all
registered and combinatorial output data remain valid. Any
outputs which were in a Hi-Z state at the onset will remain
at Hi-Z. During power down, all input signals except the
power down pin are blocked. Input and I/O hold latches
remain active to insure that pins do not float to indetermi-
nate levels, further reducing system power. The power
down pin feature is enabled in the logic design file. Designs
using either power down pin may not use the PD pin logic
array input. However, all other PD pin as macrocell
resources may still be used, including the buried feedback
and foldback product term array inputs.
(3.0V)*
(703 )*
(8060 )*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com