Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX32675C Datasheet (PDF) - Analog Devices

MAX32675C Datasheet PDF - Analog Devices
Part # MAX32675C
Download  MAX32675C Download
File Size   869.03 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and HART for Industrial and Medical Sensors

MAX32675C Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX32675C Datasheet PDF - Analog Devices

Part # MAX32675C
Download  MAX32675C Click to download

File Size   869.03 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and HART for Industrial and Medical Sensors

MAX32675C Datasheet (HTML) - Analog Devices


MAX32675C Product details

Features
●Low-Power, High-Performance for IndustrialApplications
•12MHz Arm Cortex-M4 with FPU
•384KB (376KB User) Flash Memory
•160KB SRAM (128KB with ECC Enabled)
•Optionally Retained in Low-Power Modes
•ACTIVE Current (IDD_ACTS) ≤ 2.1mA at TA = +85°C
•Ideal for 4-20mA Current Sense Loops•Startup Current Typical (IDD_STRT) of 1.02mA•375μA Full Memory Retention Current in BACKUP(IDD_FBKUS)
●Smart Integration Reduces BOM, Cost, and PCB Size
•Integrated HART Modem
•Two Δ-Σ ADCs
•12 Channels, Assignable to Either ADC
•Flexible Resolution and Sample Rates
•24-Bits at up to 0.4ksps
•12-Bit DAC
•Internal Reference
•Digital Peripherals
•Up to Two SPI
•Up to Three I2C
•Up to Three 4-Wire UART
•Up to One 4-Wire Low-Power UART (LPUART)
•8-Channel Standard DMA Controller
•Up to 36 GPIOs
•Timers
•Four 32-Bit Timers
•Two 32-Bit Low-Power Timers (LPTMR)
•Two Windowed Watchdog Timers
•Robust Security and Reliability
•UART ROM Bootloader
•AES 128/192/256 Hardware Acceleration Engine
•Persistent Key Storage
•32-Bit CRC Acceleration Engine
•Wide, -40°C to +105°C Operating TemperatureRange

Applications
●4-20mA Industrial Sensors and Transmitters
●Industrial Pressure, Temperature, Flow, and LevelSensors/Transmitters
●Medical Pressure, Temperature, and Flow Sensors




Similar Part No. - MAX32675C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3267 MAXIM-MAX3267 Datasheet
152Kb / 8P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
19-4796; Rev 0; 1/99
MAX3267 MAXIM-MAX3267 Datasheet
899Kb / 10P
1.25Gbps/2.5Gbps, 3V to 5.5V, Low-Noise Transimpedance Preamplifiers for LANs
Rev 1; 6/00
MAX32670 MAXIM-MAX32670 Datasheet
853Kb / 11P
USB 2.0 Micro B to Serial UART Bridge
Rev 2; 1/21
MAX32670EVKIT MAXIM-MAX32670EVKIT Datasheet
853Kb / 11P
USB 2.0 Micro B to Serial UART Bridge
Rev 2; 1/21
MAX32670EVKIT# MAXIM-MAX32670EVKIT# Datasheet
853Kb / 11P
USB 2.0 Micro B to Serial UART Bridge
Rev 2; 1/21
More results


Similar Description - MAX32675C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
Analog Devices
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
logo
Maxim Integrated Produc...
MAX32660 MAXIM-MAX32660 Datasheet
604Kb / 25P
Ultra-Low Power Arm Cortex-M4 with FPU-Based Microcontroller for Wearable and IoT Sensors
Rev 1; 4/18
logo
List of Unclassifed Man...
BT832A ETC2-BT832A Datasheet
881Kb / 22P
Nordic nRF52 with ARM Cortex M4F
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
logo
Analog Devices
ADUCM4050 AD-ADUCM4050 Datasheet
743Kb / 46P
Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
4/2019-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX32680 MAXIM-MAX32680 Datasheet
411Kb / 56P
Ultra-Low-Power Arm Cortex-M4F with Precision Analog Front-End and Bluetooth LE 5.2
2021
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
logo
Analog Devices
ADUCM430 AD-ADUCM430 Datasheet
83Kb / 2P
Precision Analog Microcontroller, 12-Bit Analog Input and Output with PMIC and TECC, Arm Cortex-M3
Rev. Sp0
logo
AAEON Technology
SPG-M041 AAEON-SPG-M041 Datasheet
617Kb / 2P
Gateway System with ARM Cortex M4F 180MHz
2022/09/21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com