Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2033 Datasheet (PDF) - Qorvo, Inc

RFSA2033 Datasheet PDF - Qorvo, Inc
Part # RFSA2033
Download  RFSA2033 Download
File Size   4180.0 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz

RFSA2033 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSA2033 Datasheet PDF - Qorvo, Inc

Part # RFSA2033
Download  RFSA2033 Click to download

File Size   4180.0 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz

RFSA2033 Datasheet (HTML) - Qorvo, Inc


RFSA2033 Product details

Features
 Patented Circuit Architecture
 Broadband 50MHz to 6000MHz
Frequency Range
 Low Minimum Insertion Loss (1.0dB
Typical at 2GHz)
 25dB Attenuation Range
 +40dBm IIP3 Typical
 +75dBm IIP2 Typical
 High 1dB Compression Point
>+24dBm
 Low Supply Current 2.5mA Typical
 3V to 5V Power Supply
 Linear in dB Control Characteristic
 Internal Temperature Compensation
 Low Distortion with -65dBc CSO, CTB
and XMOD
 Class 2 ESD (2000V HBM)
 Complete Solution in a Small 3mm x
3mm, QFN Package

Applications
 Cellular, 3G Infrastructure
 WiBro, WiMax, LTE
 Microwave Radio
 High-linearity Power Control
 Cable Modems
 CATV




Similar Part No. - RFSA2033

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033PCK-410 RFMD-RFSA2033PCK-410 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033PCK-411 RFMD-RFSA2033PCK-411 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033SQ RFMD-RFSA2033SQ Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033SR RFMD-RFSA2033SR Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
More results


Similar Description - RFSA2033

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
50MHz-6000MHz, Cascadable Amplifier
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
logo
Renesas Technology Corp
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com