Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA2033 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSA2033
Description  Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA2033 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSA2033 Datasheet HTML 1Page - Qorvo, Inc RFSA2033 Datasheet HTML 2Page - Qorvo, Inc RFSA2033 Datasheet HTML 3Page - Qorvo, Inc RFSA2033 Datasheet HTML 4Page - Qorvo, Inc RFSA2033 Datasheet HTML 5Page - Qorvo, Inc RFSA2033 Datasheet HTML 6Page - Qorvo, Inc RFSA2033 Datasheet HTML 7Page - Qorvo, Inc RFSA2033 Datasheet HTML 8Page - Qorvo, Inc RFSA2033 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RFSA2033
Low Loss Voltage Controlled Attenuator
50MHz to 6000MHz
Package: QFN, 16-Pin, 0.9mm x 3mm x 3mm
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless ConnectivityTM, PowerStar®, POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered
trademarks are the property of their respective owners. ©2009, RF Micro Devices, Inc.
DS150922
7628 Thorndike Road, Greensboro, NC 27409-9421 – For sales or technical
Support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com
1 of 22
Features
Patented Circuit Architecture
Broadband 50MHz to 6000MHz
Frequency Range
Low Minimum Insertion Loss (1.0dB
Typical at 2GHz)
25dB Attenuation Range
+40dBm IIP3 Typical
+75dBm IIP2 Typical
High 1dB Compression Point
>+24dBm
Low Supply Current 2.5mA Typical
3V to 5V Power Supply
Linear in dB Control Characteristic
Internal Temperature Compensation
Low Distortion with -65dBc CSO, CTB
and XMOD
Class 2 ESD (2000V HBM)
Complete Solution in a Small 3mm x
3mm, QFN Package
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High-linearity Power Control
Cable Modems
CATV
Product Description
RFMD’s RFSA2033 is a fully monolithic analog voltage controlled attenuator (VCA)
featuring exceptional linearity over a typical temperature-compensated 25dB gain
control range and low insertion loss of 1.0dB typical. It incorporates a
revolutionary new circuit architecture to solve a long standing industry problem:
high IP3, high attenuation range, low DC current, broad bandwidth, and
temperature-compensated linear in dB control voltage characteristic. This voltage
controlled attenuator is controlled by a single positive control voltage with on chip
DC conditioning circuitry. The slope polarity of the control voltage versus gain is
selectable. The RFSA2033 draws a very low 2.5mA current. This attenuator is
matched to 50Ω over its rated control range and frequency with no external
matching components require. Typical VCA’s in this performance category have
poor inherent attenuation versus temperature and poor nonlinear attenuation
versus control voltage characteristics. To correct these shortcomings, other VCA’s
require extensive off chip analog support circuitry that consume valuable PCB
area and additional DC power. This game changing product incorporates the
complete solution in a small 3mm x 3mm QFN package that reduces the footprint
in area and reduces the DC power over conventional PIN diode approaches.
Ordering Information
RFSA2033SQ
Sample bag with 25 pieces
RFSA2033SR
7” Reel with 100 pieces
RFSA2033TR7
7” Reel with 2500 pieces
RFSA2033PCK-410
50MHz to 6000MHz PCBA with 5-piece sample bag
RFSA2033PCK-411
CATV, 75Ω PCBA with 5-piece sample bag
3
2
4
1
10
11
9
12
CONTROL
BLOCK
ATTEN
RFIN
RFOUT
GND
GND
GND
GND
EN
GND
Functional Block Diagram


Similar Part No. - RFSA2033

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033PCK-410 RFMD-RFSA2033PCK-410 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033PCK-411 RFMD-RFSA2033PCK-411 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033SQ RFMD-RFSA2033SQ Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2033SR RFMD-RFSA2033SR Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
More results

Similar Description - RFSA2033

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2033 RFMD-RFSA2033 Datasheet
1Mb / 22P
Low Loss Voltage Controlled Attenuator 50MHz to 6000MHz
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
Voltage Variable RF Attenuator 50MHz to 6000MHz
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
50MHz-6000MHz, Cascadable Amplifier
logo
STMicroelectronics
SBB3089Z STMICROELECTRONICS-SBB3089Z Datasheet
860Kb / 9P
50MHz to 6000MHz Gain Block
08-Jun-2021
logo
Renesas Technology Corp
F2934 RENESAS-F2934_V01 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Apr 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com