Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

932802001 Datasheet (PDF) - Molex Electronics Ltd.

932802001 Datasheet PDF - Molex Electronics Ltd.
Part # 932802001
Download  932802001 Download
File Size   125.17 Kbytes
Page   10 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Tool for Appli-Mate RAST 2.5, RAST Signal, and R-Power Connectors

932802001 Datasheet (PDF)

Go To PDF Page Download Datasheet
932802001 Datasheet PDF - Molex Electronics Ltd.

Part # 932802001
Download  932802001 Click to download

File Size   125.17 Kbytes
Page   10 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Tool for Appli-Mate RAST 2.5, RAST Signal, and R-Power Connectors

932802001 Datasheet (HTML) - Molex Electronics Ltd.


932802001 Product details

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description Hand Tool for Appli-Mate RAST 2.5,
RAST Signal, and R-Power
Connectors
Application Tooling Video www.youtube.com/watch?
v=0rydbPYMfoA
Comments Type: 4A
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 887191553054
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Similar Part No. - 932802001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9328 NSC-9328 Datasheet
126Kb / 6P
Dual 8-Bit Shift Register
logo
List of Unclassifed Man...
9328 ETC2-9328 Datasheet
1Mb / 22P
300V Power-Limited Tray Cables ??Overview
logo
Belden Inc.
9328 BELDEN-9328 Datasheet
155Kb / 2P
High Perform Instr, 2 Pr #22 Str TC, PVC Ins E2, IS, PVC Jkt, PLTC
04-14-2023
logo
Keystone Electronics Co...
9328 KEYSTONE-9328 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
9328 KEYSTONE-9328 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
More results


Similar Description - 932802001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0930701001 MOLEX11-0930701001 Datasheet
407Kb / 5P
2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header
0917801503 MOLEX11-0917801503 Datasheet
460Kb / 5P
2.50mm (.098") Appli-Mate RAST 2.5 IDT Housing
0622030000 MOLEX11-0622030000 Datasheet
28Kb / 1P
Appli-Mate Rast 2.5 Power Manual Terminator
0638272900 MOLEX11-0638272900 Datasheet
34Kb / 1P
Hand Tool for Appli-Mate RAST2.5, RAST Signal, and R-Power Connectors
0638276200 MOLEX11-0638276200 Datasheet
35Kb / 1P
Hand Tool for Appli-Mate RAST Power Connectors
0638276300 MOLEX11-0638276300 Datasheet
38Kb / 1P
Hand Tool for Appli-Mate RAST5 Connectors
63827-2900 MOLEX-63827-2900 Datasheet
1Mb / 11P
Hand Tool for Appli-Mate RAST2.5, RAST Signal, and R-Power Connectors
07-15-16
ATS-6382762HM MOLEX-ATS-6382762HM Datasheet
1Mb / 7P
Hand Tool for Appli-Mate RAST Power Connectors
10-27-14
ATS-6382729HM MOLEX-ATS-6382729HM Datasheet
1Mb / 11P
Hand Tool for Appli-Mate RAST2.5, RAST Signal, and R-Power Connectors
07-15-16
ATS-6382763HM MOLEX-ATS-6382763HM Datasheet
1Mb / 9P
Hand Tool for Appli-Mate RAST5 Connectors
10-01-14
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com