Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WG-MOAC Datasheet (PDF) - Comus International

WG-MOAC Datasheet PDF - Comus International
Part # WG-MOAC
Download  WG-MOAC Download
File Size   317.06 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description DC (input resistance) 250 Ω / 1000 Ω / 2000 Ω)

WG-MOAC Datasheet (PDF)

Go To PDF Page Download Datasheet
WG-MOAC Datasheet PDF - Comus International

Part # WG-MOAC
Download  WG-MOAC Click to download

File Size   317.06 Kbytes
Page   3 Pages
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International
Description DC (input resistance) 250 Ω / 1000 Ω / 2000 Ω)

WG-MOAC Datasheet (HTML) - Comus International


WG-MOAC Product details

Features
Switching Zero Cross
Input DC (input resistance) 250 Ω / 1000 Ω / 2000 Ω)
Output Triac
Applications
Resistive loads & inductive loads with cosϕ > 0,85




Similar Part No. - WG-MOAC

ManufacturerPart #DatasheetDescription
logo
Comus International
WG-MODC COMUS-WG-MODC Datasheet
272Kb / 3P
Transistor for DC voltage
More results


Similar Description - WG-MOAC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2535 VISHAY-DG2535_08 Datasheet
108Kb / 7P
0.35-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2717 VISHAY-DG2717 Datasheet
124Kb / 8P
Low-Voltage, 0.45-Ω, SPDT Analog Switch
30-Apr-07
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
L-NS VISHAY-L-NS Datasheet
130Kb / 3P
Low Value (0.03 Ω to 10 Ω) Thin Film Chip Resistors
31-Jul-08
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
RCWE VISHAY-RCWE_V01 Datasheet
115Kb / 5P
Thick Film Surface Mount Chip Resistors,Wraparound, Extremely Low Value (0.01 Ω to 0.976 Ω)
07-Jul-2021
logo
Analog Devices
ADGS2414D AD-ADGS2414D Datasheet
1Mb / 31P
0.56 Ω On Resistance High Density Octal SPST Switch
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com