Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030A Datasheet (PDF) - STMicroelectronics

TDA2030A Datasheet PDF - STMicroelectronics
Part # TDA2030A
Download  TDA2030A Download
File Size   503.01 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 18 W hi-fi amplifier and 35 W driver

TDA2030A Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA2030A Datasheet PDF - STMicroelectronics

Part # TDA2030A
Download  TDA2030A Click to download

File Size   503.01 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 18 W hi-fi amplifier and 35 W driver

TDA2030A Datasheet (HTML) - STMicroelectronics


TDA2030A Product details

Features
■ Output power 18 W at VS = ±16 V / 4 Ω with 0.5% distortion
■ High output current
■ Very low harmonic and crossover distortion
■ Short-circuit protection
■ Thermal shutdown

Description
The TDA2030A is a monolithic IC in a Pentawatt package intended for use as a low-frequency class-AB amplifier.
With VS max = 44 V it is particularly suited for more reliable applications without regulated supply and for 35 W driver circuits using low-cost complementary pairs.
The TDA2030A provides high output current and has very low harmonic and crossover distortion. The device incorporates a short-circuit protection system comprising an arrangement for automatically limiting the dissipated power so as to keep the operating point of the output transistors within their safe operating range. A conventional thermal shutdown system is also included.




Similar Part No. - TDA2030A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
18W Hi-Fi AMPLIFIER AND 35W DRIVER
Mar-1995
logo
List of Unclassifed Man...
TDA2030A ETC-TDA2030A Datasheet
101Kb / 14P
14W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A Datasheet
224Kb / 14P
18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
TDA2030A UTC-TDA2030A Datasheet
276Kb / 14P
14W HI-FI AUDIO AMPLIFIER
TDA2030A-TA5-T UTC-TDA2030A-TA5-T Datasheet
224Kb / 14P
18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
More results


Similar Description - TDA2030A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1514A PHILIPS-TDA1514A Datasheet
74Kb / 10P
50 W high performance hi-fi amplifier
May 1992
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
2 x 6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
6 W hi-fi audio power amplifier
July 1994
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050_11 Datasheet
2Mb / 18P
32 W hi-fi audio power amplifier
31-Aug-2011
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
14 W hi-fi audio amplifier
21-Jun-2011
logo
Bookly Micro electronic
BM-TDA1517 BOOKLY-BM-TDA1517 Datasheet
233Kb / 9P
2x6 W Hi-fi stereo power amplifier
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
18W Hi-Fi AMPLIFIER AND DRIVER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com