Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2013H Datasheet (PDF) - Texas Instruments

BQ2013H Datasheet PDF - Texas Instruments
Part # BQ2013H
Download  BQ2013H Download
File Size   434.75 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Gas Gauge IC for Power- Assist Applications

BQ2013H Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2013H Datasheet PDF - Texas Instruments

Part # BQ2013H
Download  BQ2013H Click to download

File Size   434.75 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Gas Gauge IC for Power- Assist Applications

BQ2013H Datasheet (HTML) - Texas Instruments


BQ2013H Product details

Features
➤ Accurate measurement of available
charge in rechargeable batteries
➤ Designed for electric assist bicycles
and other applications
➤ Measures a wide dynamic current
range
➤ Supports NiCd,NiMH or lead acid
➤ Designed for battery pack integration
- 120μA typical standby current
(self-discharge estimation mode)
- Small size enables implementations
in as little as 1
2 square inch of PCB
➤ Direct drive of LEDs for capacity
display
➤ Automatic charge and selfdischarge
compensation using internal
temperature sensor
➤ Simple single-wire serial communications
port for subassembly
testing
➤ 16-pin narrow SOIC

General Description
The bq2013H Gas Gauge IC is intended
for battery-pack installation to
maintain an accurate record of a battery’s
available charge. The IC monitors
a voltage drop across a sense resistor
connected in series between the
negative battery terminal and ground
to determine charge and discharge activity
of the battery. The bq2013H is
designed for high cpaacity battery
packs used in high-discharge rate systems.
Battery self-discharge is estimated
based on an internal timer and temperature
sensor. Compensations for
battery temperature, rate of charge,
and self-discharge are applied to the
charge counter to provide available
capacity information across a wide
range of operating conditions. Initial
battery capacity, self-discharge rate,
display mode, and charge compensation
are set using the PROG1-6 pins.
Actual battery capacity is automatically
“learned” in the course of a discharge
cycle from full to empty.
Nominal available charge may be
directly indicated using a five-segment
LED display. These segments
are used to graphically indicate
nominal available charge.
The bq2013H supports a simple
single-line bi-directional serial link to
an external processor (common
ground). The bq2013H outputs battery
information in response to external
commands over the serial link. To
support battery pack testing, the
outputs may also be controlled by
command. The external processor
may also overwrite some of the
bq2013H gas gauge data registers.
The bq2013H may operate directly
from four nickel cells or three lead
acid. With the REF output and an
external transistor, a simple, inexpensive
regulator can be built to provide
VCC from a greater number of cells.
Internal registers include available
charge, temperature, capacity, battery
ID, and battery status.




Similar Part No. - BQ2013H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ2013HSN TI-BQ2013HSN Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514 TI-BQ2013HSN-A514 Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514 TI-BQ2013HSN-A514 Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
BQ2013HSN-A514G4 TI-BQ2013HSN-A514G4 Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
More results


Similar Description - BQ2013H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
Gas Gauge IC
BQ2013H TI-BQ2013H Datasheet
195Kb / 24P
Gas Gauge IC for Power- Assist Applications
BQ2011 TI-BQ2011_05 Datasheet
204Kb / 21P
Gas Gauge IC for High Discharge Rates
BQ2013HSN-A514TR TI-BQ2013HSN-A514TR Datasheet
295Kb / 29P
Gas Gauge IC for Power- Assist Applications
logo
STMicroelectronics
STC3115 STMICROELECTRONICS-STC3115 Datasheet
647Kb / 31P
Gas gauge IC with alarm output for handheld applications
28-Jan-2014
STC3105IQT STMICROELECTRONICS-STC3105IQT Datasheet
326Kb / 23P
Battery monitor IC with alarm output for gas gauge applications
07-Sep-2011
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
Gas gauge IC with battery charger control for handheld applications
19-Jan-2015
logo
Texas Instruments
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
Gas Gauge IC
BQ2011K TI1-BQ2011K_11 Datasheet
234Kb / 22P
Gas Gauge IC for High Discharge Rates
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
Gas Gauge IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com